Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3804AS Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT3804AS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3804AS Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT3804AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS7043F
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3804
3.3V Buffer/Clock Driver
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN=GNDorVCC
—3
30
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN = VCC – 0.6V(3)
—
2.0
300
µA
Inputs @ TTL HIGH
ICCD
Supply Current per
VCC=Max.,
VIN=VCC
—
0.08
0.16
mA/
Input per MHz(4)
Outputs Open
VIN=GND
MHz
OEAorOEB=GND
Per Output Toggling
50% Duty Cycle
IC
Total Power Supply
VCC=Max.,
VIN=VCC
—
3.3
9.0(5)
mA
Current(6)
Outputs Open
VIN=GND
fO = 10 MHz
50% Duty Cycle
VIN=VCC–0.6V
—
3.3
10.0(5)
OEAorOEB=GND
VIN=GND
Mon. Output Toggling
VCC=Max.,
VIN=VCC
—
1.8
6.0(5)
Outputs Open
VIN=GND
fO = 2.5 MHz
50% Duty Cycle
VIN=VCC–0.6V
—
1.8
7.0(5)
OEAorOEB=GND
VIN=GND
Eleven Outputs Toggling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (VIN = VCC – 0.6V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC
= IQUIESCENT + IINPUTS + IDYNAMIC
IC
= ICC + ∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC – 0.6V)
DH
= Duty Cycle for TTL Inputs High
N T
= Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO
= Output Frequency
NO
= Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com