Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3804AS Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI49FCT3804AS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3804AS Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI49FCT3804AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS7043F
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3804
3.3V Buffer/Clock Driver
3804
3804A
Com.
Com.
Parameters Description
Conditions(1) Min. Max. Min. Max. Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
5.8
ns
tPHL
INA to OAN, INB to OBN
RL =500Ω
tPZH
Output Enable Time
1.5
8.0
1.5
8.0
ns
tPZL
OEA to OAN, OEB to OBN
tPHZ
Output Disable Time
1.5
7.0
1.5
7.0
ns
tPLZ
OEA to OAN, OEB to OBN
tskew(o)(3)
Skew between two outputs
—
0.8
—
0.7
ns
of same package
(same transition)
tskew(p)(3)
Skew between opposite
—
1.0
—
0.8
ns
transitions (tPHL-tPLH) of
the same output
tskew(t)(3)
Skew between two outputs
—
1.6
—
1.4
ns
of different package at
same temperature
(same transition)
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew measured at worse cast temperature (max. temp).
Tests Circuits For All Outputs(1)
Switch Position
DEFINITIONS:
CL = Load capacitance: includes jig and probe
capacitance.
RT = Termination resistance: should be equal to
ZOUT of the Pulse Generator.
Test
Switch
Disable LOW
6V
EnableLOW
DisableHIGH
GND
EnableHIGH
All Other Inputs
Open
Switching Characteristics over Operating Range
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
50pF
VCC
6.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com