Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3804AS Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT3804AS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3804AS Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3804AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS7043F
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3804
3.3V Buffer/Clock Driver
PinDescription
TruthTable(1)
Notes:
H = High Voltage Level
L = Low Voltage Level
Z = High Impedance
Capacitance (TA=25°C,f=1MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
Note:
1. This parameter is determined by device characterization but is not production tested.
s
t
u
p
n
Is
t
u
p
t
u
O
B
E
O
,
A
E
OB
N
I
,
A
N
IN
B
O
,
N
A
O
LLL
LH
H
HL
Z
HH
Z
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
E
O A
E
O
,
B
)
W
O
L
e
v
it
c
A
(
s
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
Z
-i
H
N
I A N
I
,
B
s
t
u
p
n
I
k
c
o
l
C
A
O N
B
O
,
N
s
t
u
p
t
u
O
k
c
o
l
C
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com