Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3804AS Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3804AS
Description  3.3V Fast CMOS Buffer/Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3804AS Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3804AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3804AS Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS7043F
09/24/04
3.3V Fast CMOS
Buffer/Clock Driver
Description
Pericom Semiconductor’s PI49FCT3804 is a non-inverting clock
driver designed with two independent groups of buffers. These
buffers have Hi-Z state Output Enable inputs (active LOW) with a
1-in, 4-out configuration per group. Each clock driver consists of two
banks of drivers, driving four outputs each from a standard TTL
compatible CMOS input.
Features
• 3.3Vversionof PI49FCT804T
• Low output skew: 0.7ns
• Clock busing with Hi-Z state control
• TTL input and output levels, reducing problematic
“ground bounce”
• Extremely low static power (1mW, typical)
• Hysteresis on all inputs
• ESD protection exceeds 2000V
• Industrial Operation: –40°C to 85°C
• Packaging (Pb-free & Green available):
– 16-pin 300-mil wide plastic SOIC (S)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3804
Block Diagram
OEB
INA
OA3-OA0
INB
OEA
OB3-OB0
4
4
GND
OA3
OA2
OEA
INA
GND
VCC
OB1
OB2
OB3
OEB
INB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OA0
OA1
GND
OB0
PinConfiguration
16-Pin
S


Similar Part No. - PI49FCT3804AS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI49FCT3802L PERICOM-PI49FCT3802L Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI49FCT3802LE PERICOM-PI49FCT3802LE Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI49FCT3802Q PERICOM-PI49FCT3802Q Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI49FCT3802QE PERICOM-PI49FCT3802QE Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
More results

Similar Description - PI49FCT3804AS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
3.3V CMOS Buffer Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
3.3V CMOS Buffer Clock Driver
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
3.3V CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
3.3V Fast CMOS Buffer/Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com