Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6462 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6462 Datasheet HTML 1Page - National Semiconductor (TI) LMC6462 Datasheet HTML 2Page - National Semiconductor (TI) LMC6462 Datasheet HTML 3Page - National Semiconductor (TI) LMC6462 Datasheet HTML 4Page - National Semiconductor (TI) LMC6462 Datasheet HTML 5Page - National Semiconductor (TI) LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2.0 kV
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) + 0.3V, (V−) − 0.3V
Supply Voltage (V
+ −V−)
16V
Current at Input Pin (Note 12)
±5mA
Current at Output Pin
(Notes 3, 8)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temp. (Soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
3.0V
≤ V+ ≤ 15.5V
Junction Temperature Range
LMC6462AM, LMC6464AM
−55˚C
≤ T
J ≤ +125˚C
LMC6462AI, LMC6464AI
−40˚C
≤ T
J ≤ +85˚C
LMC6462BI, LMC6464BI
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
115˚C/W
M Package, 8-Pin Surface Mount
193˚C/W
N Package, 14-Pin Molded DIP
81˚C/W
M Package, 14-Pin
Surface Mount
126˚C/W
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
Typ
LMC6464AI
LMC6464BI
LMC6464AM
Units
(Note 5)
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.25
0.5
3.0
0.5
mV
1.2
3.7
1.5
max
TCV
OS
Input Offset Voltage
1.5
µV/˚C
Average Drift
I
B
Input Current
(Note 13)
0.15
10
10
200
pA max
I
OS
Input Offset Current
(Note 13)
0.075
5
5
100
pA max
C
IN
Common-Mode
3
pF
Input Capacitance
R
IN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 15.0V,
85
70
65
70
dB
min
Rejection Ratio
V
+ = 15V
67
62
65
0V
≤ V
CM ≤ 5.0V
85
70
65
70
V
+ = 5V
67
62
65
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V,
85
70
65
70
dB
Rejection Ratio
V
− = 0V, V
O = 2.5V
67
62
65
min
−PSRR
Negative Power Supply
−5V
≤ V− ≤ −15V,
85
70
65
70
dB
Rejection Ratio
V
+ = 0V, V
O = −2.5V
67
62
65
min
V
CM
Input Common-Mode
V
+ = 5V
−0.2
−0.10
−0.10
−0.10
V
Voltage Range
For CMRR
≥ 50 dB
0.00
0.00
0.00
max
5.30
5.25
5.25
5.25
V
5.00
5.00
5.00
min
V
+ = 15V
−0.2
−0.15
−0.15
−0.15
V
For CMRR
≥ 50 dB
0.00
0.00
0.00
max
15.30
15.25
15.25
15.25
V
15.00
15.00
15.00
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com