Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6462 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6462 Datasheet HTML 1Page - National Semiconductor (TI) LMC6462 Datasheet HTML 2Page - National Semiconductor (TI) LMC6462 Datasheet HTML 3Page - National Semiconductor (TI) LMC6462 Datasheet HTML 4Page - National Semiconductor (TI) LMC6462 Datasheet HTML 5Page - National Semiconductor (TI) LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
Typ
LMC6464AI
LMC6464BI
LMC6464AM
Units
(Note 5)
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
A
V
Large Signal
R
L = 100 kΩ
Sourcing
3000
V/mV
Voltage Gain
(Note 7)
min
Sinking
400
V/mV
min
R
L = 25 kΩ
Sourcing
2500
V/mV
(Note 7)
min
Sinking
200
V/mV
min
V
O
Output Swing
V
+ = 5V
4.995
4.990
4.950
4.990
V
R
L = 100 kΩ to V
+/2
4.980
4.925
4.970
min
0.005
0.010
0.050
0.010
V
0.020
0.075
0.030
max
V
+ = 5V
4.990
4.975
4.950
4.975
V
R
L = 25 kΩ to V
+/2
4.965
4.850
4.955
min
0.010
0.020
0.050
0.020
V
0.035
0.150
0.045
max
V
+ = 15V
14.990
14.975
14.950
14.975
V
R
L = 100 kΩ to V
+/2
14.965
14.925
14.955
min
0.010
0.025
0.050
0.025
V
0.035
0.075
0.050
max
V
+ = 15V
14.965
14.900
14.850
14.900
V
R
L = 25 kΩ to V
+/2
14.850
14.800
14.800
min
0.025
0.050
0.100
0.050
V
0.150
0.200
0.200
max
I
SC
Output Short Circuit
Sourcing, V
O = 0V
27
19
19
19
mA
Current
15
15
15
min
V+ = 5V
Sinking, V
O = 5V
27
22
22
22
mA
17
17
17
min
I
SC
Output Short Circuit
Sourcing, V
O = 0V
38
24
24
24
mA
Current
17
17
17
min
V
+ = 15V
Sinking, V
O = 12V
75
55
55
55
mA
(Note 8)
45
45
45
min
I
S
Supply Current
Dual, LMC6462
40
55
55
55
µA
V
+ = +5V, V
O = V
+/2
70
70
75
max
Quad, LMC6464
80
110
110
110
µA
V
+ = +5V, V
O = V
+/2
140
140
150
max
Dual, LMC6462
50
60
60
60
µA
V
+ = +15V, V
O = V
+/2
70
70
75
max
Quad, LMC6464
90
120
120
120
µA
V
+ = +15V, V
O = V
+/2
140
140
150
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com