Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6462 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6462 Datasheet HTML 1Page - National Semiconductor (TI) LMC6462 Datasheet HTML 2Page - National Semiconductor (TI) LMC6462 Datasheet HTML 3Page - National Semiconductor (TI) LMC6462 Datasheet HTML 4Page - National Semiconductor (TI) LMC6462 Datasheet HTML 5Page - National Semiconductor (TI) LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMC6462 Dual/LMC6464 Quad
Micropower, Rail-to-Rail Input and Output CMOS
Operational Amplifier
General Description
The LMC6462/4 is a micropower version of the popular
LMC6482/4, combining Rail-to-Rail Input and Output Range
with very low power consumption.
The LMC6462/4 provides an input common-mode voltage
range that exceeds both rails. The rail-to-rail output swing of
the amplifier, guaranteed for loads down to 25 k
Ω, assures
maximum dynamic sigal range. This rail-to-rail performance
of the amplifier, combined with its high voltage gain makes it
unique among rail-to-rail amplifiers. The LMC6462/4 is an
excellent upgrade for circuits using limited common-mode
range amplifiers.
The LMC6462/4, with guaranteed specifications at 3V and
5V, is especially well-suited for low voltage applications. A
quiescent power consumption of 60 µW per amplifier (at V
S
= 3V) can extend the useful life of battery operated systems.
The amplifier’s 150 fA input current, low offset voltage of
0.25 mV, and 85 dB CMRR maintain accuracy in
battery-powered systems.
Features
(Typical unless otherwise noted)
n Ultra Low Supply Current
20 µA/Amplifier
n Guaranteed Characteristics at 3V and 5V
n Rail-to-Rail Input Common-Mode Voltage Range
n Rail-to-Rail Output Swing
(within 10 mV of rail, V
S = 5V and RL = 25 kΩ)
n Low Input Current
150 fA
n Low Input Offset Voltage
0.25 mV
Applications
n Battery Operated Circuits
n Transducer Interface Circuits
n Portable Communication Devices
n Medical Applications
n Battery Monitoring
8-Pin DIP/SO
DS012051-1
Top View
14-Pin DIP/SO
DS012051-2
Top View
May 1999
© 1999 National Semiconductor Corporation
DS012051
www.national.com


Similar Part No. - LMC6462

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6462 TI1-LMC6462 Datasheet
1Mb / 31P
LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6462 TI2-LMC6462 Datasheet
1Mb / 41P
LMC646x Dual and Quad, Micropower, Rail-to-Rail Input/Output, CMOS Operational Amplifiers
REVISED MARCH 2025
LMC6462-MIL TI1-LMC6462-MIL Datasheet
1Mb / 31P
LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6462AIM NSC-LMC6462AIM Datasheet
1Mb / 32P
LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6462AIM TI1-LMC6462AIM Datasheet
1Mb / 31P
LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results

Similar Description - LMC6462

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com