Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6462 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6462 Datasheet HTML 1Page - National Semiconductor (TI) LMC6462 Datasheet HTML 2Page - National Semiconductor (TI) LMC6462 Datasheet HTML 3Page - National Semiconductor (TI) LMC6462 Datasheet HTML 4Page - National Semiconductor (TI) LMC6462 Datasheet HTML 5Page - National Semiconductor (TI) LMC6462 Datasheet HTML 6Page - National Semiconductor (TI) LMC6462 Datasheet HTML 7Page - National Semiconductor (TI) LMC6462 Datasheet HTML 8Page - National Semiconductor (TI) LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
Typ
LMC6464AI
LMC6464BI
LMC6464AM
Units
(Note 5)
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 9)
28
15
15
15
V/ms
888
min
GBW
Gain-Bandwidth Product
V
+ = 15V
50
kHz
φ
m
Phase Margin
50
Deg
G
m
Gain Margin
15
dB
Amp-to-Amp Isolation
(Note 10)
130
dB
e
n
Input-Referred
f = 1 kHz
80
Voltage Noise
V
CM = 1V
i
n
Input-Referred
f = 1 kHz
0.03
Current Noise
3V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface
limits apply at the temperature extremes.
LMC6462AI
LMC6462BI
LMC6462AM
Symbol
Parameter
Conditions
Typ
LMC6464AI
LMC6464BI
LMC6464AM
Units
(Note 5)
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.9
2.0
3.0
2.0
mV
2.7
3.7
3.0
max
TCV
OS
Input Offset Voltage
2.0
µV/˚C
Average Drift
I
B
Input Current
(Note 13)
0.15
10
10
200
pA
I
OS
Input Offset Current
(Note 13)
0.075
5
5
100
pA
CMRR
Common Mode
0V
≤ V
CM ≤ 3V
74
60
60
60
dB
Rejection Ratio
min
PSRR
Power Supply
3V
≤ V+ ≤ 15V, V− = 0V
80
60
60
60
dB
Rejection Ratio
min
V
CM
Input Common-Mode
For CMRR
≥ 50 dB
−0.10
0.0
0.0
0.0
V
Voltage Range
max
3.0
3.0
3.0
3.0
V
min
V
O
Output Swing
R
L = 25 kΩ to V
+/2
2.95
2.9
2.9
2.9
V
min
0.15
0.1
0.1
0.1
V
max
I
S
Supply Current
Dual, LMC6462
40
55
55
55
µA
V
O = V
+/2
70
70
70
Quad, LMC6464
80
110
110
110
µA
V
O = V
+/2
140
140
140
max
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com