Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7779ACPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 45Page - Analog Devices AD7779ACPZ Datasheet HTML 46Page - Analog Devices AD7779ACPZ Datasheet HTML 47Page - Analog Devices AD7779ACPZ Datasheet HTML 48Page - Analog Devices AD7779ACPZ Datasheet HTML 49Page - Analog Devices AD7779ACPZ Datasheet HTML 50Page - Analog Devices AD7779ACPZ Datasheet HTML 51Page - Analog Devices AD7779ACPZ Datasheet HTML 52Page - Analog Devices AD7779ACPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
AD7779
Data Sheet
Rev. A | Page 48 of 100
Σ-∆ ADC Errors
Reference Detect (SPI Control Mode)
In SPI control mode, the AD7779 includes on-chip circuitry to
detect if there is a valid reference for conversions or calibrations. If
the voltage between the selected REFx+ and REFx– pins goes
below 0.7 V, the AD7779 detects that it no longer has a valid
reference. CHx_ERR_REF_DET can be interrogated to identify
the affected channel, which clears the bit register if the error is
no longer present. The voltage detector can be disabled by
clearing the REF_DET_TEST_EN bit.
Use the Σ-∆ ADC diagnostic or the SAR ADC to verify the error.
Overvoltage and Undervoltage Events
The AD7779 includes on-chip overvoltage/undervoltage
circuitry on each analog input pin. When the voltage on an
analog input pin goes above AVDD1x + 40 mV, the CHx_
ERR_AINx_OV bit is set. The error disappears if the input
voltage falls below AVDD1x – 40 mV.
If an undervoltage event occurs (AVSSx – 40 mV), the CHx_
ERR_AINx_UV bit is set. The error disappears if the input
voltage increases to AVSSx + 40 mV.
The CHx_ERR_AINM_UV, CHx_ERR_AINM_OV, CHx_ERR_
AINP_UV, and CHx_ERR_AINP_OV bits can be read back to
verify the affected channel input, which clears the bit register if
the error is no longer present. The overvoltage and undervoltage
detection can be disabled independently by clearing the AINM_
UV_TEST_EN, AINM_OV_TEST_EN, AINP_UV_TEST_EN,
or AINP_OV_TEST_EN bits.
The input voltage can be checked independently with the SAR
ADC.
Modulator Saturation
The AD7779 includes modulator saturation detection on each
of the Σ-∆ ADCs. If 20 consecutive codes for the modulator are
either all 1s or 0s, this is flagged as a modulator saturation event.
Reading the CHx_ERR_MOD_SAT register clears the bit if the
error corrects itself.
Modulator saturation detection can be disabled by clearing the
MOD_SAT_TEST_EN bit.
Note that the modulator input voltage is attenuated internally,
which means that a modulator output of all 1s or 0s represents a
modulator that is out of bounds and that a RESET pulse is required.
Filter Saturation
TheAD7779 includes digital filter saturation detection on each
Σ-∆ ADC channel. This detection indicates that the filter output is
out of bounds, which represents an output code approximately 20%
higher than positive or negative full scale. Reading the CHx_ERR_
FILTER_SAT bit clears the bit if the error corrects itself.
The detection can be disabled by clearing FILTER_SAT_TEST_
EN bit.
Output Saturation
An output saturation event can occur when gain and offset
calibration causes the output from the digital filter to clip at
either positive or negative full scale. The output does not wrap.
Reading the CHx_ERR_OUTPUT_SAT bit clears the bit if the
error corrects itself.
The detection can be disabled by clearing OUTPUT_SAT_
TEST_EN bit.
SPI Transmission Errors (SPI Control Mode)
All SPI errors clear after reading GEN_ERR_REG_1, which
contains the SPI errors. These errors are not recovered auto-
matically and, consequently, the ALERT pin and the ALERT bit
remain set until the error register is read back, and new SPI
frame is generated.
CRC Checksum Error
If the CRC checksum is enabled by setting the SPI_CRC_
TEST_EN bit, an error bit, SPI_CRC_ERR, is raised if the CRC
message does not match the message computed by the AD7779
internal CRC block. If the CRC message does not match the
internally computed message, the register is not updated.
SCLK Counter
If the number of clocks generated by the controller is not a
multiple of 8 after CS is pulled high, an error bit, SPI_CLK_
COUNT_ERR is raised. The last command multiple of 8 is
executed; however, the SCLK counter can be disabled by setting
the SPI_CLK_COUNT_TEST_EN bit.
Invalid Read
When an invalid register is trying to read back, the SPI_INVALID_
READ_ERR bit is set.
The invalid readback address detection can be disabled by
setting the SPI_INVALID_READ_TEST_EN bit.
Invalid Write
When an invalid register is trying to write, the SPI_INVALID_
WRITE_ERR bit is set.
The invalid write address detection can be disabled by setting
the SPI_INVALID_WRITE_TEST_EN bit.
MONITORING USING THE AD7779 SAR ADC
(SPI CONTROL MODE)
The AD7779 contains an on-chip SAR ADC for chip diagnostics,
system diagnostics, or measurement verification. The SAR ADC
has a 12-bit resolution. The AVDD4 and AVSS4 pins operate in
complete independence of the Σ-∆ ADC supplies and, therefore,
can be used for chip diagnostics in systems where functional
safety is important. The reference for the SAR conversion process
is taken from the SAR ADC supply voltage (AVDD4/AVSS4)
and, therefore, the SAR analog input range is from AVSS4 to
AVDD4.
The SAR ADC has a maximum throughput rate of 256 kSPS.
The CONVST_SAR pin initiates a conversion on the SAR ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com