Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7779ACPZ Datasheet(PDF) 95 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 95 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 91Page - Analog Devices AD7779ACPZ Datasheet HTML 92Page - Analog Devices AD7779ACPZ Datasheet HTML 93Page - Analog Devices AD7779ACPZ Datasheet HTML 94Page - Analog Devices AD7779ACPZ Datasheet HTML 95Page - Analog Devices AD7779ACPZ Datasheet HTML 96Page - Analog Devices AD7779ACPZ Datasheet HTML 97Page - Analog Devices AD7779ACPZ Datasheet HTML 98Page - Analog Devices AD7779ACPZ Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
AD7779
Data Sheet
Rev. A | Page 94 of 100
CHANNEL 6/CHANNEL 7 DSP ERRORS REGISTER
Address: 0x057, Reset: 0x00, Name: CH6_7_SAT_ERR
Channel 6 - ADC convers ion has
exceeded lim its and has been clam ped
Channel 7 - Modulator output s aturation
error
Channel 6 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 7 - Filter res ult has exceeded
a reas onable level, before offs et and
gain calibration has been applied.
Channel 6 - Modulator output s aturation
error
Channel 7 - ADC convers ion has
exceeded lim its and has been clam ped
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] CH6_ERR_OUTPUT_SAT (R)
[5] CH7_ERR_MOD_SAT (R)
[1] CH6_ERR_FILTER_SAT (R)
[4] CH7_ERR_FILTER_SAT (R)
[2] CH6_ERR_MOD_SAT (R)
[3] CH7_ERR_OUTPUT_SAT (R)
Table 130. Bit descriptions for CH6_7_SAT_ERR
Bits
Bit Name
Settings
Description
Reset
Access
5
CH7_ERR_MOD_SAT
Channel 7—Modulator Output Saturation Error
0x0
R
4
CH7_ERR_FILTER_SAT
Channel 7—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
3
CH7_ERR_OUTPUT_SAT
Channel 7—ADC conversion has exceeded limits and has been clamped
0x0
R
2
CH6_ERR_MOD_SAT
Channel 6—Modulator Output Saturation Error
0x0
R
1
CH6_ERR_FILTER_SAT
Channel 6—Filter result has exceeded a reasonable level, before offset and
gain calibration has been applied
0x0
R
0
CH6_ERR_OUTPUT_SAT
Channel 6—ADC conversion has exceeded limits and has been clamped
0x0
R
CHANNEL 0 TO CHANNEL 7 ERROR REGISTER ENABLE REGISTER
Address: 0x058, Reset: 0xFE, Name: CHX_ERR_REG_EN
ADC convers ion error tes t enable
Reference detect tes t enable
Filter s aturation error tes t enable
AINx+ overvoltage tes t enable
Enable error flag for Modulator s aturation
AINx+ undervoltage tes t enable
AINx- undervoltage tes t enable
AINx- overvoltage tes t enable
0
0
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7] OUTPUT_SAT_TEST_EN (R/W)
[0] REF_DET_TEST_EN (R/W)
[6] FILTER_SAT_TEST_EN (R/W)
[1] AINP_OV_TEST_EN (R/W)
[5] MOD_SAT_TEST_EN (R/W)
[2] AINP_UV_TEST_EN (R/W)
[4] AINM_UV_TEST_EN (R/W)
[3] AINM_OV_TEST_EN (R/W)
Table 131. Bit Descriptions for CHX_ERR_REG_EN
Bits
Bit Name
Settings
Description
Reset
Access
7
OUTPUT_SAT_TEST_EN
ADC Conversion Error Test Enable
0x1
R/W
6
FILTER_SAT_TEST_EN
Filter Saturation Test Enable
0x1
R/W
5
MOD_SAT_TEST_EN
Enable Error Flag for Modulator Saturation
0x1
R/W
4
AINM_UV_TEST_EN
AINx− Undervoltage Test Enable
0x1
R/W
3
AINM_OV_TEST_EN
AINx− Overvoltage Test Enable
0x1
R/W
2
AINP_UV_TEST_EN
AINx+ Undervoltage Test Enable
0x1
R/W
1
AINP_OV_TEST_EN
AINx+ Overvoltage Test Enable
0x1
R/W
0
REF_DET_TEST_EN
Reference Detect Test Enable
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com