Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860DP Datasheet(PDF) 37 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 33Page - Motorola, Inc MPC860DP Datasheet HTML 34Page - Motorola, Inc MPC860DP Datasheet HTML 35Page - Motorola, Inc MPC860DP Datasheet HTML 36Page - Motorola, Inc MPC860DP Datasheet HTML 37Page - Motorola, Inc MPC860DP Datasheet HTML 38Page - Motorola, Inc MPC860DP Datasheet HTML 39Page - Motorola, Inc MPC860DP Datasheet HTML 40Page - Motorola, Inc MPC860DP Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
37
Bus Signal Timing
Figure 9-27 provides the PCMCIA output port timing for the MPC860.
Figure 9-27. PCMCIA Output Port Timing
Figure 9-28 provides the PCMCIA output port timing for the MPC860.
Figure 9-28. PCMCIA Input Port Timing
Table 9-10 shows the debug port timing for the MPC860.
Table 9-9. PCMCIA Port Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P57
CLKOUT to OPx valid
—
19.00
—
19.00
—
19.00
—
19.00
ns
P58
HRESET negated to OPx drive 1
1 OP2 and OP3 only.
25.73
—
21.75
—
18.00
—
14.36
—
ns
P59
IP_Xx valid to CLKOUT rising edge
5.00
—
5.00
—
5.00
—
5.00
—
ns
P60
CLKOUT rising edge to IP_Xx
invalid
1.00
—
1.00
—
1.00
—
1.00
—
ns
CLKOUT
HRESET
Output
Signals
OP2, OP3
P57
P58
CLKOUT
Input
Signals
P59
P60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com