Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860DP Datasheet(PDF) 65 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 65 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 61Page - Motorola, Inc MPC860DP Datasheet HTML 62Page - Motorola, Inc MPC860DP Datasheet HTML 63Page - Motorola, Inc MPC860DP Datasheet HTML 64Page - Motorola, Inc MPC860DP Datasheet HTML 65Page - Motorola, Inc MPC860DP Datasheet HTML 66Page - Motorola, Inc MPC860DP Datasheet HTML 67Page - Motorola, Inc MPC860DP Datasheet HTML 68Page - Motorola, Inc MPC860DP Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
65
UTOPIA AC Electrical Specifications
Figure 11-67 shows the I2C bus timing.
Figure 11-67. I2C Bus Timing Diagram
Part XII UTOPIA AC Electrical Specifications
Table 12-26 shows the AC electrical specifications for the UTOPIA interface.
Figure 12-68 shows signal timings during UTOPIA receive operations.
1 SCL frequency is given by SCL = BRGCLK_frequency / ((BRG register + 3) × pre_scaler × 2).
The ratio SYNCCLK/(BRGCLK / pre_scaler) must be greater or equal to 4/1.
Table 12-26. UTOPIA AC Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
—
3.5
ns
Duty cycle
50
50
%
Frequency
—
50
MHz
U1a
UtpClk rise/fall time (external clock option)
Input
—
3.5
ns
Duty cycle
40
60
%
Frequency
—
50
MHz
U2
RxEnb and TxEnb active delay
Output
2
16
ns
U3
UTPB, SOC, Rxclav and Txclav setup time
Input
8
—
ns
U4
UTPB, SOC, Rxclav and Txclav hold time
Input
1
—
ns
U5
UTPB, SOC active delay (and PHREQ and PHSEL active delay
in MPHY mode)
Output
2
16
ns
SCL
202
205
203
207
204
208
206
209
211
210
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com