Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860DP Datasheet(PDF) 18 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 14Page - Motorola, Inc MPC860DP Datasheet HTML 15Page - Motorola, Inc MPC860DP Datasheet HTML 16Page - Motorola, Inc MPC860DP Datasheet HTML 17Page - Motorola, Inc MPC860DP Datasheet HTML 18Page - Motorola, Inc MPC860DP Datasheet HTML 19Page - Motorola, Inc MPC860DP Datasheet HTML 20Page - Motorola, Inc MPC860DP Datasheet HTML 21Page - Motorola, Inc MPC860DP Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
18
MPC860 Family Hardware Specifications
MOTOROLA
Bus Signal Timing
B30c WE(0:3) negated to A(0:31),
BADDR(28:30) invalid GPCM write
access, TRLX = 0, CSNT = 1.
CS negated to A(0:31) invalid GPCM
write access, TRLX = 0, CSNT = 1,
ACS = 10, ACS = 11, EBDF = 1
8.36
—
6.38
—
4.50
—
2.68
—
ns
B30d WE(0:3) negated to A(0:31),
BADDR(28:30) invalid GPCM write
access, TRLX = 1, CSNT =1.
CS negated to A(0:31) invalid GPCM
write access TRLX = 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
38.67
—
31.38
—
24.50
—
17.83
—
ns
B31
CLKOUT falling edge to CS valid—as
requested by control bit CST4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B31a CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B31b CLKOUT rising edge to CS valid—as
requested by control bit CST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B31c CLKOUT rising edge to CS valid—as
requested by control bit CST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B31d CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM, EBDF =
1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B32
CLKOUT falling edge to BS valid—as
requested by control bit BST4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF =
0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32b CLKOUT rising edge to BS valid—as
requested by control bit BST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c CLKOUT rising edge to BS valid—as
requested by control bit BST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32d CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF =
1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
Table 9-6. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com