Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC855 Datasheet(PDF) 39 Page - Motorola, Inc

Part # MPC855
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MPC855 Datasheet HTML 35Page - Motorola, Inc MPC855 Datasheet HTML 36Page - Motorola, Inc MPC855 Datasheet HTML 37Page - Motorola, Inc MPC855 Datasheet HTML 38Page - Motorola, Inc MPC855 Datasheet HTML 39Page - Motorola, Inc MPC855 Datasheet HTML 40Page - Motorola, Inc MPC855 Datasheet HTML 41Page - Motorola, Inc MPC855 Datasheet HTML 42Page - Motorola, Inc MPC855 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
39
Bus Signal Timing
Table 9-11 shows the reset timing for the MPC860.
Figure 9-31 shows the reset timing for the data bus configuration.
Table 9-11. Reset Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
R69 CLKOUT to HRESET high
impedance
20.00
20.00
20.00
20.00
ns
R70 CLKOUT to SRESET high
impedance
20.00
20.00
20.00
20.00
ns
R71 RSTCONF pulse width
515.15
425.00
340.00
257.58
ns
R72 —
————————
R73 Configuration data to HRESET rising
edge setup time
504.55
425.00
350.00
277.27
ns
R74 Configuration data to RSTCONF
rising edge setup time
350.00
350.00
350.00
350.00
ns
R75 Configuration data hold time after
RSTCONF negation
0.00
0.00
0.00
0.00
ns
R76 Configuration data hold time after
HRESET negation
0.00
0.00
0.00
0.00
ns
R77 HRESET and RSTCONF asserted to
data out drive
25.00
25.00
25.00
25.00
ns
R78 RSTCONF negated to data out high
impedance
25.00
25.00
25.00
25.00
ns
R79 CLKOUT of last rising edge before
chip three-state HRESET to data out
high impedance
25.00
25.00
25.00
25.00
ns
R80 DSDI, DSCK setup
90.91
75.00
60.00
45.45
ns
R81 DSDI, DSCK hold time
0.00
0.00
0.00
0.00
ns
R82 SRESET negated to CLKOUT rising
edge for DSDI and DSCK sample
242.42
200.00
160.00
121.21
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com