Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7621 Datasheet(PDF) 78 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 78 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 74Page - Texas Instruments PCI7621 Datasheet HTML 75Page - Texas Instruments PCI7621 Datasheet HTML 76Page - Texas Instruments PCI7621 Datasheet HTML 77Page - Texas Instruments PCI7621 Datasheet HTML 78Page - Texas Instruments PCI7621 Datasheet HTML 79Page - Texas Instruments PCI7621 Datasheet HTML 80Page - Texas Instruments PCI7621 Datasheet HTML 81Page - Texas Instruments PCI7621 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 298 page
background image
3−22
3.8.2
Integrated Low-Dropout Voltage Regulator (LDO-VR)
The PCI7x21/PCI7x11 controller requires 1.5-V core voltage. The core power can be supplied by the
PCI7x21/PCI7x11 controller itself using the internal LDO-VR. The core power can alternatively be supplied by an
external power supply through the VR_PORT terminal. Table 3−14 lists the requirements for both the internal core
power supply and the external core power supply.
Table 3−14. Requirements for Internal/External 1.5-V Core Power Supply
SUPPLY
VCC
VR_EN
VR_PORT
NOTE
Internal
3.3 V
GND
1.5-V output
Internal 1.5-V LDO-VR is enabled. A 1.0-
µF bypass capacitor is required on the VR_PORT
terminal for decoupling. This output is not for external use.
External
3.3 V
VCC
1.5-V input
Internal 1.5-V LDO-VR is disabled. An external 1.5-V power supply, of minimum 50-mA
capacity, is required. A 0.1-
µF bypass capacitor on the VR_PORT terminal is required.
3.8.3
CardBus (Functions 0 and 1) Clock Run Protocol
The PCI CLKRUN feature is the primary method of power management on the PCI interface of the PCI7x21/PCI7x11
controller. CLKRUN signaling is provided through the MFUNC6 terminal. Since some chip sets do not implement
CLKRUN, this is not always available to the system designer, and alternate power-saving features are provided. For
details on the CLKRUN protocol see the PCI Mobile Design Guide.
The PCI7x21/PCI7x11 controller does not permit the central resource to stop the PCI clock under any of the following
conditions:
•
Bit 1 (KEEPCLK) in the system control register (PCI offset 80h, see Section 4.29) is set.
•
The 16-bit PC Card resource manager is busy.
•
The PCI7x21/PCI7x11 CardBus master state machine is busy. A cycle may be in progress on CardBus.
•
The PCI7x21/PCI7x11 master is busy. There may be posted data from CardBus to PCI in the
PCI7x21/PCI7x11 controller.
•
Interrupts are pending.
•
The CardBus CCLK for the socket has not been stopped by the PCI7x21/PCI7x11 CCLKRUN manager.
•
Bit 0 (KEEP_PCLK) in the miscellaneous configuration register (PCI offset F0h, see Section 7.23) is set.
•
The 1394 resource manager is busy.
•
The PCI7x21/PCI7x11 1394 master state machine is busy. A cycle may be in progress on 1394.
•
The PCI7x21/PCI7x11 master is busy. There may be posted data from the 1394 bus to PCI in the
PCI7x21/PCI7x11 controller.
•
PC Card interrogation is in progress.
•
The 1394 bus is not idle.
The PCI7x21/PCI7x11 controller restarts the PCI clock using the CLKRUN protocol under any of the following
conditions:
•
A 16-bit PC Card IREQ or a CardBus CINT has been asserted by either card.
•
A CardBus CBWAKE (CSTSCHG) or 16-bit PC Card STSCHG/RI event occurs in the socket.
•
A CardBus attempts to start the CCLK using CCLKRUN.
•
A CardBus card arbitrates for the CardBus bus using CREQ.
•
A 1394 device changes the status of the twisted pair lines from idle to active.
•
Bit 1 (KEEPCLK) in the system control register (PCI offset 80h, see Section 4.29) is set.
•
Data is in any of the FIFOs (receive or transmit).
•
The master state machine is busy.
•
There are pending interrupts.
3.8.4
CardBus PC Card Power Management
The PCI7x21/PCI7x11 controller implements its own card power-management engine that can turn off the CCLK to
a socket when there is no activity to the CardBus PC Card. The PCI clock-run protocol is followed on the CardBus
CCLKRUN interface to control this clock management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com