| Electronic Components Datasheet Search |
|
PCI7621 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7621 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 298 page ![]() 1−5 • External cycle timer control for customized synchronization • Extended resume signaling for compatibility with legacy DV components • PHY-Link logic performs system initialization and arbitration functions • PHY-Link encode and decode functions included for data-strobe bit level encoding • PHY-Link incoming data resynchronized to local clock • Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, and 400M bits/s • Node power class information signaling for system power management • Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std 1394a-2000 features • Isochronous receive dual-buffer mode • Out-of-order pipelining for asynchronous transmit requests • Register access fail interrupt when the PHY SCLK is not active • PCI power-management D0, D1, D2, and D3 power states • Initial bandwidth available and initial channels available registers • PME support per 1394 Open Host Controller Interface Specification • Advanced submicron, low-power CMOS technology 1.3 Related Documents • Advanced Configuration and Power Interface (ACPI) Specification (Revision 2.0) • 1394 Open Host Controller Interface Specification (Release 1.1) • IEEE Standard for a High Performance Serial Bus (IEEE Std 1394-1995) • IEEE Standard for a High Performance Serial Bus—Amendment 1 (IEEE Std 1394a-2000) • PC Card Standard (Release 8.1) • PCI Bus Power Management Interface Specification (Revision 1.1) • Serial Bus Protocol 2 (SBP-2) • Serialized IRQ Support for PCI Systems • PCI Mobile Design Guide • PCI Bus Power Management Interface Specification for PCI to CardBus Bridges • PCI14xx Implementation Guide for D3 Wake-Up • PCI to PCMCIA CardBus Bridge Register Description • Texas Instruments TPS2224 and TPS2226 product data sheet, SLVS317 • Texas Instruments TPS2223A product data sheet, SLVS428 • Texas Instruments TPS2228 product data sheet, SLVS419 • PCI Local Bus Specification (Revision 2.3) • PCMCIA Proposal (262) • The Multimedia Card System Specification, Version 3.31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |