Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLRM900AFB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SLRM900AFB
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900AFB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SLRM900AFB Datasheet HTML 4Page - NXP Semiconductors SLRM900AFB Datasheet HTML 5Page - NXP Semiconductors SLRM900AFB Datasheet HTML 6Page - NXP Semiconductors SLRM900AFB Datasheet HTML 7Page - NXP Semiconductors SLRM900AFB Datasheet HTML 8Page - NXP Semiconductors SLRM900AFB Datasheet HTML 9Page - NXP Semiconductors SLRM900AFB Datasheet HTML 10Page - NXP Semiconductors SLRM900AFB Datasheet HTML 11Page - NXP Semiconductors SLRM900AFB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 May 24
8
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
Table 1
DC power supply output voltage
Table 2
DC power supply ripple voltage
7.2
Reader software
The available software for the SLRM900 is contained in
document
"SLRM900 I-CODE Long Range Reader
Module, protocol Reader-Host".
7.3
Reader hardware
The internal electronics of the SLRM900 can be divided in
two major units:
• RF board (see Fig.7)
• Microcontroller board (see Fig.8).
7.3.1
RF BOARD
7.3.1.1
Voltage regulation
All necessary internal voltages for the module are derived
internally from the 24 V DC power supply voltage.
7.3.1.2
Clock generator
This part generates the 13.56 MHz clock frequency for the
transmitter amplifier. A divided clock signal is connected to
the microcontroller for synchronization purposes.
7.3.1.3
Modulator and transmitter amplifier
To transmit data to the I-CODE labels, the carrier has to be
modulated by the modulator with a digital signal from the
microcontroller according to data sheet
"SL1ICS3001
I-CODE Label IC, protocol air interface". The transmitter
amplifier amplifies the modulated carrier signal.
7.3.1.4
Modulation index and RF power regulation
The RF power regulator keeps the antenna output voltage
to a level determined by software settings. Also, by using
software settings, the modulation index can be set,
according to data sheet
"SL1ICS3001 I-CODE Label IC".
The required modulation index has to be re-adjusted after
any change of the RF output power and at large
temperature variations.
7.3.1.5
Receiver, filter, demodulator, and ADC
An amplitude modulated signal is received from the
I-CODE1 label IC. After filtering, demodulation, and
amplification, the analog data signal is converted by the
12-bit ADC for further digital processing.
7.3.1.6
Opto-couplers
All internal analog and digital signals between the
RF board and microcontroller board are galvanically
separated by opto-couplers.
7.3.2
MICROCONTROLLER BOARD
7.3.2.1
Microcontroller
The microcontroller processes the protocol for the
communication between the I-CODE labels and the
SLRM900. The serial interface signals are converted in
such a way, that the labels are able to process them, and
the outgoing signals from the labels are converted into
serial interface-compatible signals.
Another important microcontroller task is its control
function. Software control offers the possibility to change
both the RF-output power and the modulation index.
7.3.2.2
RS232 interface
The device communicates with the host (processor or PC)
via a serial interface, using a jumper-selectable baud rate
of either 57.6 kbaud in standard mode, or 115.2 kbaud in
fast mode (see setting for JP4 in Table 3).
OUTPUT PARAMETER
VALUE
DC supply voltage
+24 V
DC current
2 A
RIPPLE FREQUENCY
MAXIMUM
RIPPLE VOLTAGE
50 Hz
≤ f < 10 MHz
100 mV (p-p)
10 MHz
≤ f < 20 MHz
50 mV (p-p)
f
≥ 20 MHz
100 mV (p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com