Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLRM900AFB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SLRM900AFB
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900AFB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SLRM900AFB Datasheet HTML 6Page - NXP Semiconductors SLRM900AFB Datasheet HTML 7Page - NXP Semiconductors SLRM900AFB Datasheet HTML 8Page - NXP Semiconductors SLRM900AFB Datasheet HTML 9Page - NXP Semiconductors SLRM900AFB Datasheet HTML 10Page - NXP Semiconductors SLRM900AFB Datasheet HTML 11Page - NXP Semiconductors SLRM900AFB Datasheet HTML 12Page - NXP Semiconductors SLRM900AFB Datasheet HTML 13Page - NXP Semiconductors SLRM900AFB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2002 May 24
10
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
7.5
EMC and EMI
The SLRM900 is designed in such a way that it is possible
to build systems with it, which are in conformance with
EMC and EMI standards.
Electromagnetic emissions comply with the guidelines in
BAPT 222 ZV 122 and EN 300 330. Electromagnetic
immunity complies with the guidelines in ETS 300 683.
The conformance to EMC and EMI standards can only be
granted for systems, not for components.
The following measurements have been passed:
• EMI: EN 300 330, BAPT 222 ZV 122, FCC 47 part 15
• Immunity: ETS 300 683.
The following configuration is in compliance with the
telecommunication standards:
• SLRM900: output power 4 W at 50 Ω; modulation index
m = 15%; standard mode
• Linear power supply (according to the recommendations
in Table 1), connected via the supplied power supply
cable
• Antenna from the I-CODE evaluation kit:
– size: 38 cm
× 28 cm
– number of turns: N = 1
– quality factor: Q = 30
– impedance:
Z =50 Ω
–
ϕ =0°
– according to application note
"I-CODE, Design of
Read/Write antennas".
7.6
Safety and reliability considerations
The SLRM900 has implemented measures for high
reliability.
7.6.1
ANTENNA RUPTURE AND ANTENNA SHORT-CIRCUIT
The SLRM900 does not immediately get damaged in case
of either an antenna short-circuit, or an antenna rupture
with short duration. However, permanent antenna
short-circuit, or antenna rupture, will definitely damage the
SLRM900. The supply current of the SLRM900 will be
limited at typical 1.6 A.
7.6.2
SUPPLY VOLTAGE
The SLRM900 is protected against short supply voltage
peaks and incorrect polarity for a short time, but
permanent incorrect supply will definitely damage the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com