Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLRM900AFB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SLRM900AFB
Description  I-CODE Long range reader module hardware
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRM900AFB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SLRM900AFB Datasheet HTML 7Page - NXP Semiconductors SLRM900AFB Datasheet HTML 8Page - NXP Semiconductors SLRM900AFB Datasheet HTML 9Page - NXP Semiconductors SLRM900AFB Datasheet HTML 10Page - NXP Semiconductors SLRM900AFB Datasheet HTML 11Page - NXP Semiconductors SLRM900AFB Datasheet HTML 12Page - NXP Semiconductors SLRM900AFB Datasheet HTML 13Page - NXP Semiconductors SLRM900AFB Datasheet HTML 14Page - NXP Semiconductors SLRM900AFB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2002 May 24
11
Philips Semiconductors
Product specification
I-CODE Long range reader
module hardware
SLRM900
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
9
ELECTRICAL SPECIFICATIONS
Tamb = 0 to 70 °C; antenna load is 50 Ω; unless otherwise specified.
Notes
1. Typical ratings are not guaranteed. These values listed are at Tamb =25 °C.
2. Values listed above are continuous currents; peak values can be up to 650 mA higher, by switching, or modulating
the RF carrier.
3. Calculated from the measured RF output voltage across a 50
Ω load; RF output voltage measured with Tektronix
TDS520B oscilloscope.
4. Default value, adjusted at delivery.
5. Definition:
where Vmax is RF level without modulation and Vmin is RF level during modulation.
Modulation method is Amplitude Shift Keying (ASK).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vdd
supply voltage
−0.6
+27
V
Tamb
ambient temperature
0
70
°C
Tcase
operating in-case temperature
0
85
°C
Tstg
storage temperature
−25
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
Vdd
DC supply voltage
23
24
25
V
Idd
DC supply current
Po = 4 W; note 2
−
0.975
1.100
A
Po = 8 W; note 2
−
1.215
1.350
A
Pout
RF output power
calculated: note 3
minimum
−
24(4)
W
maximum
8
10
−
W
m
adjustable modulation index
note 5
10
15(4)
20
%
m
V
max
V
min
–
V
max
V
min
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com