Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR1T6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STR711FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR1T6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STR711FR1T6 Datasheet HTML 9Page - STMicroelectronics STR711FR1T6 Datasheet HTML 10Page - STMicroelectronics STR711FR1T6 Datasheet HTML 11Page - STMicroelectronics STR711FR1T6 Datasheet HTML 12Page - STMicroelectronics STR711FR1T6 Datasheet HTML 13Page - STMicroelectronics STR711FR1T6 Datasheet HTML 14Page - STMicroelectronics STR711FR1T6 Datasheet HTML 15Page - STMicroelectronics STR711FR1T6 Datasheet HTML 16Page - STMicroelectronics STR711FR1T6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
STR71xF - INTRODUCTION
13/49
40
K3
V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL refer-
ence
41
M2
N.C.
Not connected (not bonded)
42
L4
VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL ref-
erence
43
M4
N.C.
Not connected (not bonded)
44
M3
DBGRQS
I
CT
Debug Mode request input (active high)
45
K4
CKOUT
O
8mA
X
Clock output (fPCLK2) Note: Enabled by CKDIS register
in APB Bridge 2
46
J4
CK
I
C
Reference clock input
47
M5
P0.15/WAKE-
UP
Ipu TT X4mA
X
Port
0.15
Wakeup from Standby mode input.
48
L5
N.C.
Not connected (not bonded)
49
K5
RTCXTI
Realtime Clock input and input of 32 kHz oscillator am-
plifier circuit
50
J5
RTCXTO
Output of 32 kHz oscillator amplifier circuit
51
M6
STDBY
I/O
CT
4mA X
X
Input: Hardware Standby mode entry input active low.
Caution: External pull-up to V33 required to select nor-
mal mode.
Output: Standby mode active low output following Soft-
ware Standby mode entry.
Note: In Standby mode all pins are in high impedance
except those marked Active in Stdby
52
M7
RSTIN
ICT
X Reset input
53
J6
N.C.
Not connected (not bonded)
54
L6
VSSBKP
S
X Stabilisation for low power voltage regulator.
55
K6
V18BKP
SX
Stabilisation for low power voltage regulator. Requires
external capacitors of at least 1µF between V18BKP and
VSS18BKP. See Figure 5.
Note: If the low power voltage regulator is bypassed,
this pin can be connected to an external 1.8V supply.
56
H5
N.C.
Not connected (not bonded)
57
H6
N.C.
Not connected (not bonded)
58
G6
V18
S
Stabilisation for main voltage regulator. Requires exter-
nal capacitors of at least 10µF + 33nF between V18 and
VSS18. See Figure 5.
59
L7
VSS18
S
Stabilisation for main voltage regulator.
60
K7
N.C.
Not connected (not bonded)
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com