Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR1T6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STR711FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR1T6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STR711FR1T6 Datasheet HTML 23Page - STMicroelectronics STR711FR1T6 Datasheet HTML 24Page - STMicroelectronics STR711FR1T6 Datasheet HTML 25Page - STMicroelectronics STR711FR1T6 Datasheet HTML 26Page - STMicroelectronics STR711FR1T6 Datasheet HTML 27Page - STMicroelectronics STR711FR1T6 Datasheet HTML 28Page - STMicroelectronics STR711FR1T6 Datasheet HTML 29Page - STMicroelectronics STR711FR1T6 Datasheet HTML 30Page - STMicroelectronics STR711FR1T6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
STR71xF - INTRODUCTION
27/49
1.7 Memory Mapping
Figure 6. Memory Map
APB BRIDGE 2 REGS
Addressable Memory Space
0
1
2
3
4
4K
5
6
7
0x2000 0000
0x4000 0000
0x6000 0000
0x8000 0000
0xA000 0000
0xC000 0000
0xE000 0000
0xFFFF FFFF
0xC000 0000
0xC000 1000
0xC000 2000
0xC000 3000
0xC000 4000
0xC000 5000
0xC000 6000
0xC000 7000
0xC000 8000
0xC000 9000
0xC000 A000
0xC000 B000
0xC000 C000
0xE000 1000
0xE000 2000
0xE000 3000
0xE000 4000
0xFFFF FFFF
0x0000 0000
APB Memory Space
4 Gbytes
FLASH/RAM/EMI
EXTMEM
1K
0xFFFF F800
4K
EIC
0xFFFF F800
APB BRIDGE 1 REGS
Reserved
FLASH
256K+16K+32b
B0F0
B0F4
B0F5
B0F6
B1F0
0x4000 0000
8K
8K
32K
64K
64K
64K
FLASH Memory Space
272 Kbytes + regs
0x4000 4000
0x4000 6000
0x4001 0000
0x4002 0000
0x4003 0000
Reserved
4K
(*) FLASH aliased at 0x0000 0000h
by system decoder for booting with
valid instruction upon RESET
from Block B0 (8 Kbytes)
0xE000 0000
0xE000 5000
0xE000 6000
0xE000 7000
0xE000 8000
0xE000 9000
0xE000 A000
0xE000 B000
I2C 0
I2C 1
reserved
UART 0
UART 1
UART 2
UART 3
USB + RAM
BSPI 0
BSPI 1
XTI
reserved
IOPORT 1
IOPORT 2
ADC
CLKOUT
TIMER 3
RTC
WDG
0xE000 E000
0xE000 D000
0xE000 C000
0xC000 D000
0xC000 E000
PRCCU
1K
CAN
B0F7
0x400C 0000
0x400C 4000
0x4010 0000
reserved
8K
TIMER 0
TIMER 1
TIMER 2
reserved
reserved
HDLC + RAM
reserved
0xC001 0000
0xC000 F000
B1F1
0x400C 2000
reserved
0x4004 0000
8K
0x4010 DFBF
20b
FLASH Registers
0x4000 2000
RAM
64K
APB1
APB2
EIC
B0F2
B0F1
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
reserved
reserved
IOPORT 0
64K
64K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
4K
B0F3
8K
8K
0x4000 8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com