Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR1T6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR711FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR1T6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR711FR1T6 Datasheet HTML 28Page - STMicroelectronics STR711FR1T6 Datasheet HTML 29Page - STMicroelectronics STR711FR1T6 Datasheet HTML 30Page - STMicroelectronics STR711FR1T6 Datasheet HTML 31Page - STMicroelectronics STR711FR1T6 Datasheet HTML 32Page - STMicroelectronics STR711FR1T6 Datasheet HTML 33Page - STMicroelectronics STR711FR1T6 Datasheet HTML 34Page - STMicroelectronics STR711FR1T6 Datasheet HTML 35Page - STMicroelectronics STR711FR1T6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
32/49
2.4 DC Electrical Characteristics
V33 = 3.3V ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 11. DC Electrical Characteristics
Symbol
Parameter
Comment
Value
Unit
Min
Typ
Max
VIH
Input High Level CMOS
With or w/o hysteresis
0.7V33
V
Input High Level
P0.15 (WAKEUP) only
1.8
V
VIL
Input Low Level CMOS
With or w/o hysteresis
0.3V33
V
Input Low Level
P0.15 (WAKEUP) only
0.7
V
VHYS
Input Hysteresis CMOS
Schmitt Trigger
0.4
0.8
1.2
V
Input Hysteresis
Schmitt Trigger
P0.15 (WAKEUP) only
0.3
0.5
V
VOH
Output High Level
High Current Pins
Push Pull, IOH= 8mA
V33 – 0.8
V
Output High Level
Standard Current Pins
Push Pull, IOH= 4mA
V33 – 0.8
V
VOL
Output Low Level
High Current Pins
Push Pull, IOL= 8mA
0.4
V
Output Low Level
Standard Current Pins
Push Pull, IOL= 4mA
0.4
V
RWPU
Weak Pull-Up Resistor
Measured at 0.5V33
100
k
Ω
RWPD
Weak Pull-Down Resistor
Measured at 0.5V33
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com