Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR1T6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STR711FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR1T6 Datasheet(HTML) 3 Page - STMicroelectronics

  STR711FR1T6 Datasheet HTML 1Page - STMicroelectronics STR711FR1T6 Datasheet HTML 2Page - STMicroelectronics STR711FR1T6 Datasheet HTML 3Page - STMicroelectronics STR711FR1T6 Datasheet HTML 4Page - STMicroelectronics STR711FR1T6 Datasheet HTML 5Page - STMicroelectronics STR711FR1T6 Datasheet HTML 6Page - STMicroelectronics STR711FR1T6 Datasheet HTML 7Page - STMicroelectronics STR711FR1T6 Datasheet HTML 8Page - STMicroelectronics STR711FR1T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
STR71xF - INTRODUCTION
3/49
1 INTRODUCTION
This Preliminary Data provides the STR71x Ordering Information, Mechanical and Electrical
Device Characteristics.
For complete information on the STR71xF Microcontroller memory, registers and peripherals.
please refer to the STR71xF Reference Manual.
For information on programming, erasing and protection of the internal Flash memory please
refer to the STR7 Flash Programming Reference Manual
For information on the ARM7TDMI core please refer to the ARM7TDMI Technical Reference
Manual.
1.1 Overview
ARM® core with embedded Flash & RAM
The STR71xF series is a family of ARM-powered 16/32-bit Microcontrollers with embedded
Flash and RAM. It combines the high performance ARM7TDMI CPU with an extensive range
of peripheral functions and enhanced I/O capabilities. All devices have on-chip high-speed
single voltage FLASH memory and high-speed RAM. The STR71xF family has an embedded
ARM core and is therefore compatible with all ARM tools and software.
For information on the ARM Realview Developer Kit for ST and third-party development
tools, please refer to the http://www.st.com website
Package Choice: Low Pin-Count 64-pin or Feature-Rich 144-pin TQFP or BGA
The STR71xF family is available in 4 main versions.
The 144-pin versions have the full set of all features including CAN, USB and External
Memory Interface.
•
STR710F: 144-pin BGA or TQFP with CAN, USB and EMI
The three 64-pin versions (BGA or TQFP) do not include External Memory Interface.
•
STR715F: 64-pin BGA or TQFP without CAN or USB
•
STR711F: 64-pin BGA or TQFP with USB
•
STR712F: 64-pin BGA or TQFP with CAN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com