Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3G4250D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A3G4250D
Description  16-bit rate value data output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 1 Page - STMicroelectronics

  A3G4250D Datasheet HTML 1Page - STMicroelectronics A3G4250D Datasheet HTML 2Page - STMicroelectronics A3G4250D Datasheet HTML 3Page - STMicroelectronics A3G4250D Datasheet HTML 4Page - STMicroelectronics A3G4250D Datasheet HTML 5Page - STMicroelectronics A3G4250D Datasheet HTML 6Page - STMicroelectronics A3G4250D Datasheet HTML 7Page - STMicroelectronics A3G4250D Datasheet HTML 8Page - STMicroelectronics A3G4250D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
February 2012
Doc 022768 Rev 3
1/44
44
A3G4250D
MEMS motion sensor:
3-axis digital output gyroscope
Features
■ Wide supply voltage: 2.4 V to 3.6 V
■ ±245 dps full scale
■ I2C/SPI digital output interface
■ 16-bit rate value data output
■ 8-bit temperature data output
■ Two digital output lines (interrupt and data
ready)
■ Integrated low and high-pass filters with user-
selectable bandwidth
■ Ultra-stable over temperature and time
■ Low-voltage-compatible IOs (1.8 V)
■ Embedded power-down and sleep mode
■ Embedded temperature sensor
■ Embedded FIFO
■ High shock survivability
■ Extended operating temperature range (-40 °C
to +85 °C)
■ ECOPACK® RoHS and “Green” compliant
■ AEC-Q100 qualification
Applications
■ In-dash car navigation
■ Telematics, e-Tolling
■ Motion control with MMI (man-machine
interface)
■ Appliances and robotics
Description
The A3G4250D is a low-power 3-axis angular rate
sensor able to provide unprecedented stability at
zero rate level and sensitivity over temperature
and time. It includes a sensing element and an IC
interface capable of providing the measured
angular rate to the external world through a
standard SPI digital interface. An I2C-compatible
interface is also available.
The sensing element is manufactured using a
dedicated micro-machining process developed by
STMicroelectronics to produce inertial sensors
and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The A3G4250D has a full scale of ±245 dps and
is capable of measuring rates with a user-
selectable bandwidth.
The A3G4250D is available in a plastic land grid
array (LGA) package and can operate within a
temperature range of -40 °C to +85 °C.
LGA-16 (4x4x1.1 mm3)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
A3G4250D
-40 to +85
LGA-16 (4x4x1.1 mm3)Tray
A3G4250DTR
-40 to +85
LGA-16 (4x4x1.1 mm3)
Tape and reel
www.st.com


Similar Part No. - A3G4250D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A3G4250D STMICROELECTRONICS-A3G4250D Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
More results

Similar Description - A3G4250D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
8M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com