Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30S50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD30S50
Description  Stable leakage current over reverse voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30S50 Datasheet(HTML) 1 Page - STMicroelectronics

  FERD30S50 Datasheet HTML 1Page - STMicroelectronics FERD30S50 Datasheet HTML 2Page - STMicroelectronics FERD30S50 Datasheet HTML 3Page - STMicroelectronics FERD30S50 Datasheet HTML 4Page - STMicroelectronics FERD30S50 Datasheet HTML 5Page - STMicroelectronics FERD30S50 Datasheet HTML 6Page - STMicroelectronics FERD30S50 Datasheet HTML 7Page - STMicroelectronics FERD30S50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
November 2013
Doc ID024715 Rev 2
1/8
FERD30S50
Field effect rectifier
Datasheet
production data
Features
 CMOS proprietary process
 Stable leakage current over reverse voltage
 Low forward voltage drop
 High frequency operation
Description
This single rectifier is based on a proprietary
technology, enabling to achieve the best in class
VF/IR trade-off for a given silicon surface.
Packaged in PowerFLAT™ 5x6, this device is
intended to be used in rectification and
freewheeling operations in switch-mode power
supplies.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1. Device summary
Symbol
Value
IF(AV)
30 A
VRRM
50 V
Tj (max)
+150 °C
VF(typ)
0.33 V
K
A
A
A
A
K
K
A
A
PowerFLAT 5x6
FERD30S50DJF
www.st.com


Similar Part No. - FERD30S50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
Field effect rectifier
09-Jan-2015
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
FERD30SM100DJFTR STMICROELECTRONICS-FERD30SM100DJFTR Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF_V01 Datasheet
245Kb / 9P
FERD30SM100DJF_V01
08-Feb-2019
FERD30SM100S STMICROELECTRONICS-FERD30SM100S Datasheet
142Kb / 7P
Reduce leakage current
12-Jan-2015
More results

Similar Description - FERD30S50

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
Sangdest Microelectroni...
SDURD2020CT SMC-SDURD2020CT Datasheet
320Kb / 5P
Low Reverse Leakage Current
SDURD2060 SMC-SDURD2060 Datasheet
341Kb / 5P
Low Reverse Leakage Current
89CNQ SMC-89CNQ Datasheet
178Kb / 5P
Ultra low reverse leakage current
logo
STMicroelectronics
FERD20U50 STMICROELECTRONICS-FERD20U50 Datasheet
148Kb / 8P
Stable leakage current over reverse voltage
06-Aug-2015
FERD20U60 STMICROELECTRONICS-FERD20U60 Datasheet
153Kb / 8P
Stable leakage current over reverse voltage
06-Jun-2014
FERD60M45C STMICROELECTRONICS-FERD60M45C Datasheet
138Kb / 7P
Stable leakage current over reverse voltage
13-Nov-2013
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com