Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30S50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD30S50
Description  Stable leakage current over reverse voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30S50 Datasheet(HTML) 3 Page - STMicroelectronics

  FERD30S50 Datasheet HTML 1Page - STMicroelectronics FERD30S50 Datasheet HTML 2Page - STMicroelectronics FERD30S50 Datasheet HTML 3Page - STMicroelectronics FERD30S50 Datasheet HTML 4Page - STMicroelectronics FERD30S50 Datasheet HTML 5Page - STMicroelectronics FERD30S50 Datasheet HTML 6Page - STMicroelectronics FERD30S50 Datasheet HTML 7Page - STMicroelectronics FERD30S50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Doc ID024715 Rev 2
3/8
FERD30S50
Characteristics
8
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Average forward current versus
ambient temperature (
 = 0.5)
0
4
8
12
16
20
24
0
5
10
15
20
25
30
35
40
d = 1
d = 0.05
d = 0.2
d = 0.1
d = 0.5
PF(AV)(W)
I
(A)
F(AV)
T
d=tp/T
tp
IF(AV)(A)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
R th(j-a) = R th(j-c)
T
d=tp/T
tp
T
(°C)
amb
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Reverse leakage current versus
reverse voltage applied (typical values)
Z th( j- c)/ Rth ( j- c )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp (s)
IR(A)
m
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
Tj = 125 °C
Tj = 25 °C
VR(V)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Forward voltage drop versus forward
current (typical values)
100
1000
10000
1
10
100
C(pF)
F = 1 MHz
Vosc= 30 mVRMS
T
j = 25 °C
VR (V)
IF(A )
0.1
1.0
10.0
100.0
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55
VF (V)
Tj = 125 °C
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com