Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30S50 Datasheet(PDF) 5 Page - STMicroelectronics

Part # FERD30S50
Description  Stable leakage current over reverse voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30S50 Datasheet(HTML) 5 Page - STMicroelectronics

  FERD30S50 Datasheet HTML 1Page - STMicroelectronics FERD30S50 Datasheet HTML 2Page - STMicroelectronics FERD30S50 Datasheet HTML 3Page - STMicroelectronics FERD30S50 Datasheet HTML 4Page - STMicroelectronics FERD30S50 Datasheet HTML 5Page - STMicroelectronics FERD30S50 Datasheet HTML 6Page - STMicroelectronics FERD30S50 Datasheet HTML 7Page - STMicroelectronics FERD30S50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Doc ID024715 Rev 2
5/8
FERD30S50
Package information
8
2
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 8. PowerFLAT-8L dimensions (definitions)
Table 5. PowerFLAT-8L dimensions (values)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.031
0.039
A1
0.02
0.05
0.001
0.002
A2
0.25
0.010
b
0.30
0.50
0.012
0.020
D
5.20
0.205
D2
4.11
4.31
0.162
0.170
e
1.27
0.050
E
6.15
0.242
E2
3.50
3.70
0.138
0.146
L
0.50
0.80
0.020
0.031
K
1.275
1.575
0.050
0.062
D2
E2
K
L
b
e
D
E
A
A1
A2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com