Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30S50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD30S50
Description  Stable leakage current over reverse voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30S50 Datasheet(HTML) 2 Page - STMicroelectronics

  FERD30S50 Datasheet HTML 1Page - STMicroelectronics FERD30S50 Datasheet HTML 2Page - STMicroelectronics FERD30S50 Datasheet HTML 3Page - STMicroelectronics FERD30S50 Datasheet HTML 4Page - STMicroelectronics FERD30S50 Datasheet HTML 5Page - STMicroelectronics FERD30S50 Datasheet HTML 6Page - STMicroelectronics FERD30S50 Datasheet HTML 7Page - STMicroelectronics FERD30S50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
FERD30S50
2/8
Doc ID024715 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.205 x IF(AV) + 0.017 IF
2
(RMS)
Table 2. Absolute ratings (limiting values, at 25 °C, unless otherwise specified, anode terminals
short-circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
50
V
IF(RMS)
Forward rms current
45
A
IF(AV)
Average forward current,
 = 0.5
Tc = 95 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
(1)
Maximum operating junction temperature
150
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
2.6
°C/W
Table 4. Static electrical characteristics (anode terminals short-circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 125 °C
VR = 35 V
25
mA
Tj = 25 °C
VR = VRRM
0.8
Tj = 125 °C
30
60
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
0.32
V
Tj = 125 °C
0.25
Tj = 25 °C
IF = 10 A
0.37
Tj = 125 °C
0.33
Tj = 25 °C
IF = 15 A
0.415
0.47
Tj = 125 °C
0.39
0.45
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com