Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL4LN80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL4LN80K5
Description  N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™K5 Power MOSFET in a PowerFLAT™5x6 VHV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4LN80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STL4LN80K5 Datasheet HTML 1Page - STMicroelectronics STL4LN80K5 Datasheet HTML 2Page - STMicroelectronics STL4LN80K5 Datasheet HTML 3Page - STMicroelectronics STL4LN80K5 Datasheet HTML 4Page - STMicroelectronics STL4LN80K5 Datasheet HTML 5Page - STMicroelectronics STL4LN80K5 Datasheet HTML 6Page - STMicroelectronics STL4LN80K5 Datasheet HTML 7Page - STMicroelectronics STL4LN80K5 Datasheet HTML 8Page - STMicroelectronics STL4LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STL4LN80K5
Electrical characteristics
DocID027815 Rev 1
5/14
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
3
A
ISDM
(1)
Source-drain
current (pulsed)
-
12
A
VSD
(2)
Forward on
voltage
ISD = 3 A, VGS = 0 V
-
1.6
V
trr
Reverse
recovery time
ISD = 3 A, di/dt = 100 A/µs,
VDD = 60 V, (see Figure 4: "Test circuit
for inductive load switching and diode
recovery times")
-
TBD
ns
Qrr
Reverse
recovery charge
-
TBD
µC
IRRM
Reverse
recovery current
-
TBD
A
trr
Reverse
recovery time
ISD = 3 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(Figure 4: "Test circuit for inductive load
switching and diode recovery times")
-
TBD
ns
Qrr
Reverse
recovery charge
-
TBD
µC
IRRM
Reverse
recovery current
-
TBD
A
Notes:
(1)
Pulse width limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Table 9: Gate source-Zener diode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit.
V(BR)GS0
Gate-source breakdown voltage
IGS= ± 1mA, ID= 0 A
30
-
-
V
The built-in back-to-back Zener diodes have specifically been designed to enhance the
device's ESD capability. In this respect the Zener voltage is appropriate to achieve an
efficient and cost-effective intervention to protect the device's integrity. These integrated
Zener diodes thus avoid the usage of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com