Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800N Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 50Page - National Semiconductor (TI) NSC800N Datasheet HTML 51Page - National Semiconductor (TI) NSC800N Datasheet HTML 52Page - National Semiconductor (TI) NSC800N Datasheet HTML 53Page - National Semiconductor (TI) NSC800N Datasheet HTML 54Page - National Semiconductor (TI) NSC800N Datasheet HTML 55Page - National Semiconductor (TI) NSC800N Datasheet HTML 56Page - National Semiconductor (TI) NSC800N Datasheet HTML 57Page - National Semiconductor (TI) NSC800N Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
1212 InputOutput (Continued)
INDR
Data is input from the IO device at address (C) to memory
location (HL) then the HL memory pointer is byte counter B
are decremented The cycle is repeated until B e 0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(HL)
w (C)
S Undefined
HL
w HL b 1
Z Set
B
w B b 1
H Undefined
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10110010
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that after each data transfer cycle interrupts may be
recognized and two refresh cycles are performed)
OTDR
Data is output from memory location (HL) to the IO device
at port address (C) then the HL memory pointer and byte
counter B are decremented The cycle is repeated until B e
0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(C)
w (HL)
S Undefined
HL
w HL b 1
Z Set
B
w B b 1
H Undefined
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10111011
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that after each data transfer cycle the NSC800 will
accept interrupts and perform two refresh cycles)
1213 CPU Control
NOP
The CPU performs no operation
No flags affected
76543210
00000000
Timing
M cycles
1
T states
4
Addressing Mode
NA
HALT
The CPU halts execution of the program Dummy op-code
fetches are performed from the next memory location to
keep the refresh circuits active until the CPU is interrupted
or reset from the halted state
No flags affected
76543210
01110110
Timing
M cycles
1
T states
4
Addressing Mode
NA
DI
Disable system level interrupts
IFF1
w 0
No flags affected
IFF2
w 0
76543210
11110011
Timing
M cycles
1
T states
4
Addressing Mode
NA
EI
The system level interrupts are enabled During execution of
this instruction and the next one the maskable interrupts
will be disabled
IFF1
w 1
No flags affected
IFF2
w 1
76543210
11111011
Timing
M cycles
1
T states
4
Addressing Mode
NA
IM
0
The CPU is placed in interrupt mode 0
No flags affected
76543210
11101101
01000110
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
NA
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com