Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800N Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 13Page - National Semiconductor (TI) NSC800N Datasheet HTML 14Page - National Semiconductor (TI) NSC800N Datasheet HTML 15Page - National Semiconductor (TI) NSC800N Datasheet HTML 16Page - National Semiconductor (TI) NSC800N Datasheet HTML 17Page - National Semiconductor (TI) NSC800N Datasheet HTML 18Page - National Semiconductor (TI) NSC800N Datasheet HTML 19Page - National Semiconductor (TI) NSC800N Datasheet HTML 20Page - National Semiconductor (TI) NSC800N Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
90 Timing and Control (Continued)
During the opcode fetch the CPU places the contents of
the PC on the address bus The falling edge of ALE indi-
cates a valid address on the AD(0 – 7) lines The WAIT input
is sampled during t2 and if active causes the NSC800 to
insert a wait state (tw) WAIT is sampled again during tw so
that when it goes inactive the CPU continues its opcode
fetch by latching in the data on the rising edge of RD from
the AD(0 – 7) lines During t3 RFSH goes active and AD(0–
7) has the dynamic RAM refresh address from register R
and A(8 – 15) the interrupt vector from register I
TLC5171 – 17
FIGURE 10a Memory ReadWrite Cycles without WAIT States
TLC5171 – 18
FIGURE 10b Memory Read and Write with WAIT States
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com