| Electronic Components Datasheet Search |
|
NSC800N Datasheet(PDF) 20 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800N Datasheet(HTML) 20 Page - National Semiconductor (TI) |
|
20 / 76 page ![]() 90 Timing and Control (Continued) TLC5171 – 28 FIGURE 14 NSC800 Power-Save TLC5171 – 22 S0 S1 during BREQ will indicate same machine cycle as during the cycle when BREQ was accepted tZetime states during which bus and control signals are in high impedance mode FIGURE 15 Bus Acknowledge Cycle In the event BREQ is asserted (low) at the end of an instruc- tion cycle and PS is active simultaneously the following oc- curs 1 The NSC800 will go into BACK cycle 2 Upon completion of BACK cycle if PS is still active the CPU will go into power-save mode 95 BUS ACCESS CONTROL Figure 15 illustrates bus access control in the NSC800 The external device controller produces an active BREQ signal that requests the bus When the CPU responds with BACK then the bus and related control strobes go to high imped- ance (TRI-STATE) and the RFSH signal remains high It should be noted that (1) BREQ is sampled at the last t state of any M machine cycle only (2) The NSC800 will not ac- knowledge any interruptrestart requests and will not pe- form any dynamic RAM refresh functions until after BREQ input signal is inactive high (3) BREQ signal has priority over all interrupt request signals should BREQ and interrupt request become active simultaneously Therefore interrupts latched at the end of the instruction cycle will be serviced after a simultaneously occurring BREQ NMI is latched dur- ing an active BREQ 96 INTERRUPT CONTROL The NSC800 has five interruptrestart inputs four are mask- able (RSTA RSTB RSTC and INTR) and one is non-mask- able (NMI) NMI has the highest priority of all interrupts the user cannot disable NMI After recognizing an active input on NMI the CPU stops before the next instruction pushes the PC onto the stack and jumps to address X’0066 where the user’s interrupt service routine is located (ie restart to memory location X’0066) NMI is intended for interrupts re- quiring immediate attention such as power-down control panel etc RSTA RSTB and RSTC are restart inputs which if enabled execute a restart to memory location X’003C X’0034 and X’002C respectively Note that the CPU response to the NMI and RST (A B C) request input is basically identical except for the restored memory location Unlike NMI how- ever restart request inputs must be enabled Figure 16 illustrates NMI and RST interrupt machine cycles M1 cycle will be a dummy opcode fetch cycle followed by M2 and M3 which are stack push operations The following instruction then starts from the interrupts restart location Note RD does not go low during this dummy opcode fetch A unique indica- tion of INTA can be decoded using 2 ALEs and RD 20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |