Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800N Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 56Page - National Semiconductor (TI) NSC800N Datasheet HTML 57Page - National Semiconductor (TI) NSC800N Datasheet HTML 58Page - National Semiconductor (TI) NSC800N Datasheet HTML 59Page - National Semiconductor (TI) NSC800N Datasheet HTML 60Page - National Semiconductor (TI) NSC800N Datasheet HTML 61Page - National Semiconductor (TI) NSC800N Datasheet HTML 62Page - National Semiconductor (TI) NSC800N Datasheet HTML 63Page - National Semiconductor (TI) NSC800N Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
INIR
ED B2
JP
(HL)
E9
JP
(IX)
DD E9
JP
(IY)
FD E9
JP
C nn
DAnn
JP
M nn
FAnn
JP
NC nn
D2nn
JP
nn
C3nn
JP
NZ nn
C2nn
JP
P nn
F2nn
JP
PE nn
EAnn
JP
PO nn
E2nn
JP
Z nn
CAnn
JR
C d2
38 d2
JR
d2
18 d2
JR
NC d2
30 d2
JR
NZ d2
20 d2
JR
Z d2
28 d2
LD
(BC) A
02
LD
(DE) A
12
LD
(HL) A
77
LD
(HL) B
70
LD
(HL) C
71
LD
(HL) D
72
LD
(HL) E
73
LD
(HL) H
74
LD
(HL) L
75
LD
(HL) n
36 n
LD
(IXad) A
DD 77d
LD
(IXad) B
DD 70d
LD
(IXad) C
DD 71d
LD
(IXad) D
DD 72d
LD
(IXad) E
DD 73d
LD
(IXad) H
DD 74d
LD
(IXad) L
DD 75d
LD
(IXad) n
DD 36dn
LD
(IYad) A
FD 77d
LD
(IYad) B
FD 70d
LD
(IYad) C
FD 71d
LD
(IYad) D
FD 72d
LD
(IYad) E
FD 73d
LD
(IYad) H
FD 74d
LD
(IYad) L
FD 75d
LD
(IYad) n
FD 36dn
LD
(nn) A
32nn
LD
(nn) BC
ED 43nn
LD
(nn) DE
ED 53nn
LD
(nn) HL
22nn
LD
(nn) IX
DD 22nn
LD
(nn) IY
FD 22nn
LD
(nn) SP
ED 73nn
LD
A (BC)
0A
LD
A (DE)
1A
LD
A (HL)
7E
LD
A (IXad)
DD 7Ed
LD
A (IYad)
FD 7Ed
LD
A (nn)
3Ann
LD
A A
7F
LD
A B
78
LD
A C
79
LD
A D
7A
LD
A E
7B
LD
A H
7C
LD
A I
ED 57
LD
A L
7D
LD
A n
3E n
LD
B (HL)
46
LD
B (IXad)
DD 46d
LD
B (IYad)
FD 46d
LD
B A
47
LD
B B
40
LD
B C
41
LD
B D
42
LD
B E
43
LD
B H
44
LD
B L
45
LD
B n
06 n
LD
BC (nn)
ED 4B
LD
BC nn
01nn
LD
C (HL)
4E
LD
C (IXad)
DD 4Ed
LD
C (IYad)
FD 4Ed
LD
C A
4F
LD
C B
48
LD
C C
49
LD
C D
4A
LD
C E
4B
LD
C H
4C
LD
C L
4D
LD
C n
0E n
LD
D (HL)
56
LD
D (IXad)
DD 56d
LD
D (IYad)
FD 56d
LD
D A
57
LD
D B
50
LD
D C
51
LD
D D
52
LD
D E
53
LD
D H
54
LD
D L
55
LD
D n
16 n
LD
DE (nn)
ED 5Bnn
LD
DE nn
11nn
LD
E (HL)
5E
LD
E (IXad)
DD 5Ed
LD
E (IYad)
FD 5Ed
(nn)eAddress of memory location
designed displacement
nneData (16 bit)
d2edb2
neData (8 bit)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com