Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12N120K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP12N120K5 Datasheet HTML 2Page - STMicroelectronics STP12N120K5 Datasheet HTML 3Page - STMicroelectronics STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics STP12N120K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
6/21
DocID022133 Rev 4
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area for H
2PAK-2 and
TO-220
Figure 3: Thermal impedance for H
2PAK-2 and
TO-220
Figure 4: Safe operating area for TO-247 and
TO-247 long leads
Figure 5: Thermal impedance for TO-247 and
TO-247 long leads
Figure 6: Output characteristics
Figure 7: Transfer characteristics
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10µs
1ms
100µs
0.01
Tj=150°C
Tc=25°C
Single pulse
10ms
100
1000
GIPD300320150945MT
K
tp
Ƭ
Zth= K*Rthj-c
δ= tp/Ƭ
Single pulse
0.01
δ=0.5
10 -1
10 -2
10 -4
10 -5
10 -3
10 -2
10 -1
t
P(s)
0.2
0.1
0.05
0.02
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10µs
1ms
100µs
0.01
Tj=150°C
Tc=25°C
Single pulse
10ms
100
1000
GIPD300320151033MT
K
t
p Ƭ
Zth= K*R thj-c
δ= t p/Ƭ
Single pulse
0.01
δ=0.5
10
-1
10
-2
10
-3
10
-4
10
-5
10
-3
10
-2
10
-1
0.2
0.1
0.05
0.02
tp (s)
GC18460
ID
15
5
0
0
5
VDS(V)
10
(A)
15
6V
7V
VGS=9, 10V
10
20
8V
GIPD300320151056MT
ID
20
10
0
5
7
VGS(V)
9
(A)
6
8
5
15
VDS=20V
GIPD300320151057MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com