Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12N120K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP12N120K5 Datasheet HTML 1Page - STMicroelectronics STP12N120K5 Datasheet HTML 2Page - STMicroelectronics STP12N120K5 Datasheet HTML 3Page - STMicroelectronics STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
April 2015
DocID022133 Rev 4
1/21
This is information on a product in full production.
www.st.com
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
N-channel 1200 V, 0.62
Ω typ.,12 A MDmesh K5 Power MOSFETs
in H²PAK-2, TO-220, TO-247 and TO-247 long leads
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order codes
VDS
RDS(on) max.
ID
PTOT
STH12N120K5-2
1200 V
0.69 Ω
12 A 250 W
STP12N120K5
STW12N120K5
STWA12N120K5
Worldwide best FOM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These very high voltage N-channel Power
MOSFETs are desig
ned using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STH12N120K5-2
12N120K5
H
2PAK-2
Tape and reel
STP12N120K5
TO-220
Tube
STW12N120K5
TO-247
STWA12N120K5
TO-247 long leads
H
2
PAK-2
TO-220
1
2
3
TO-247
TO-247 long leads
1
2
3
D(2, TAB)
G(1)
S(3)
( TO-220, TO-247 and
TO-247 long leads)
(H PAK-2)
2
D(TAB)
G(1)
S(2, 3)


Similar Part No. - STP12N120K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP12N120K5 ISC-STP12N120K5 Datasheet
393Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP12N120K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
Worldwide Medical Approvals
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
Worldwide best FOM
March 2013 Rev 2
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
best source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com