Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12N120K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STP12N120K5 Datasheet HTML 1Page - STMicroelectronics STP12N120K5 Datasheet HTML 2Page - STMicroelectronics STP12N120K5 Datasheet HTML 3Page - STMicroelectronics STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
4/21
DocID022133 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
1200
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 1200 V
1
µA
VGS = 0, VDS = 1200 V,
Tc = 125 °C
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 6 A
0.62
0.69
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 100 V,
f = 1 MHz
-
1370
-
pF
Coss
Output capacitance
-
110
-
pF
Crss
Reverse transfer
capacitance
-
0.6
-
pF
Co(tr)
(1)
Equivalent capacitance,
time-related
VGS = 0, VDS = 0 to 960 V
-
128
-
pF
Co(er)
(2)
Equivalent capacitance,
energy-related
-
42
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
3
-
Ω
Qg
Total gate charge
VDD = 960 V, ID = 12 A
VGS = 10 V
(see Figure 18: "Gate
charge test circuit" )
-
44.2
-
nC
Qgs
Gate-source charge
-
7.3
-
nC
Qgd
Gate-drain charge
-
30
-
nC
Notes:
(1)
Time-related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
(2)
Energy-related is defined as a constant equivalent capacitance giving the same stored energy as Coss when
VDS increases from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com