Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12N120K5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics STP12N120K5 Datasheet HTML 10Page - STMicroelectronics STP12N120K5 Datasheet HTML 11Page - STMicroelectronics STP12N120K5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
8/21
DocID022133 Rev 4
Figure 14: Normalized V(BR)DSS vs temperature
Figure 15: Source-drain diode forward
characteristics
Figure 16: Maximum avalanche energy vs starting TJ
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.84
0.92
1
1.08
ID=1m A
GIPD300320151249MT
VSD
4
ISD(A)
(V)
2
10
6
8
0.5
0.6
0.7
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
0.9
GIPD300320151251MT
EAS
-75
25
TJ(°C)
(mJ)
-25
75
125
0
50
100
150
200
ID=12 A
VDD=50 V
GIPD300320151255MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com