Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 20Page - National Semiconductor (TI) PC87311 Datasheet HTML 21Page - National Semiconductor (TI) PC87311 Datasheet HTML 22Page - National Semiconductor (TI) PC87311 Datasheet HTML 23Page - National Semiconductor (TI) PC87311 Datasheet HTML 24Page - National Semiconductor (TI) PC87311 Datasheet HTML 25Page - National Semiconductor (TI) PC87311 Datasheet HTML 26Page - National Semiconductor (TI) PC87311 Datasheet HTML 27Page - National Semiconductor (TI) PC87311 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
30 FDC Register Description
(Continued)
D0
Missing Address Mark
If bit 0 of ST2 is clear then
the controller cannot detect any Address Field Ad-
dress Mark after two disk revolutions If bit 0 of ST2
is set then the controller cannot detect the Data
Field Address Mark after finding the correct Ad-
dress Field
3103 Status Register 2 (ST2)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
CM
CD
WT
SEH
SNS
BT
MD
RESET
0
000
0
0
0
0
COND
D7
Not Used Always 0
D6
Control Mark
Controller tried to read a sector
which contained a deleted data address mark dur-
ing execution of Read Data or Scan commands Or
if a Read Deleted Data command was executed a
regular address mark was detected
D5
CRC Error in Data Field
Controller detected a
CRC error in the Data Field Bit 5 of ST1 is also set
D4
Wrong Track
Only set if desired sector is not
found and the track number recorded on any sector
of the current track is different from the track ad-
dress specified in the Command Phase
D3
Scan Equal Hit
‘‘Equal’’ condition satisfied during
any Scan command
D2
Scan Not Satisfied
Controller cannot find a sector
on the track which meets the desired condition dur-
ing any Scan command
D1
Bad Track
Only set if the desired sector is not
found the track number recorded on any sector on
the track is FF (hex) indicating a hard error in IBM
format and is different from the track address spec-
ified in the Command Phase
D0
Missing Address Mark in Data Field
Controller
cannot find the Data Field AM during a Read Scan
or Verify command Bit 0 of ST1 is also set
3104 Status Register 3 (ST3)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
WP
1
TK0
1
HDS
DS1
DS0
RESET
0
0
101
0
0
0
COND
D7
Not Used Always 0
D6
Write Protect
Indicates active high status of the
WP pin
D5
Not Used Always 1
D4
Track 0
Indicates active high status of the TRK0
pin
D3
Not Used Always 1
D2
Head Select
Indicates the active high status of the
HD bit in the Command Phase
D1D0 Drive Select 10
These two binary encoded bits
indicate the DS1DS0 bits in the Command Phase
40 FDC Command Set Description
The following is a table of the FDC command set Each
command contains a unique first command byte called the
opcode byte which will identify to the controller how many
command bytes to expect If an invalid command byte is
issued to the controller it will immediately go into the Result
Phase and the status will be 80 (hex) which signifies Invalid
Command
41 COMMAND SET SUMMARY
CONFIGURE
Command Phase
0
0
0
1
0011
0
0
0
0
0000
0
EIS
FIFO
POLL
THRESH
PRETRK
Execution Phase
Internal registers written
No Result Phase
DUMPREG
Command Phase
00001110
Execution Phase
Internal registers read
Result Phase
PTR Drive 0
PTR Drive 1
PTR Drive 2
PTR Drive 3
Step Rate Time
Motor Off Time
Motor On Time
DMA
Sector per TrackEnd of Track
LOCK
0
DC3
DC2
DC1
DC0
GAP
WG
0
EIS
FIFO
POLL
THRESH
PRETRK
Note
Sectors per Track parameter returned if last command issued was
Format End of Track parameter returned if last command issued was Read
or Write
FORMAT TRACK
Command Phase
0
MFM
0
0
1
1
0
1
X
X
XXXHDDR1
DR0
Bytes per Sector
Sectors per Track
Format Gap
Data Pattern
Execution Phase
System transfers four ID bytes (track
head sector bytessector) per sector to the floppy control-
ler via DMA or Non-DMA modes The entire track is format-
ted The data block in the Data Field of each sector is filled
with the data pattern byte
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com