Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 16Page - National Semiconductor (TI) PC87311 Datasheet HTML 17Page - National Semiconductor (TI) PC87311 Datasheet HTML 18Page - National Semiconductor (TI) PC87311 Datasheet HTML 19Page - National Semiconductor (TI) PC87311 Datasheet HTML 20Page - National Semiconductor (TI) PC87311 Datasheet HTML 21Page - National Semiconductor (TI) PC87311 Datasheet HTML 22Page - National Semiconductor (TI) PC87311 Datasheet HTML 23Page - National Semiconductor (TI) PC87311 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
30 FDC Register Description (Continued)
D3
Read Data
Active high status of latched RDATA
signal This bit is latched by the inactive going edge
of RDATA and is cleared by a read from the DIR
D2
Write Gate
Active high status of latched WGATE
signal This bit is latched by the active going edge of
WGATE and is cleared by a read from the DIR
D1
Drive Select 3
Active low status of the DR3 disk
interface output (Note 1)
D0
Drive Select 2
Active low status of the DR2 disk
interface output (Note 1)
33 DIGITAL OUTPUT REGISTER (DOR)
ReadWrite
The DOR controls the drive select and motor enable disk
interface outputs enables the DMA logic and contains a
software reset bit The content of the DOR is set to 00 (hex)
after a hardware reset and is unaffected by a software re-
set (Note 2)
DOR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
MTR3 MTR2 MTR1 MTR0 DMAEN RESET
DRIVE DRIVE
SEL 1
SEL 0
RESET
0000
0
0
0
0
COND
D7
Motor Enable 3
This bit controls the MTR3 disk
interface output A1in this bit causes the MTR3 pin
to go active (Note 1)
D6
Motor Enable 2
Same function as D7 except for
MTR2 (Note 1)
D5
Motor Enable 1
Same function as D7 except for
MTR1
D4
Motor Enable 0
Same function as D7 except for
MTR0
D3
DMA Enable
This bit has two modes of operation
PC-AT mode or Model 30 mode
Writinga1to this
bit will enable the DRQ DACK TC and IRQ6 pins
Writinga0to this bit will disable the DACK and TC
pins and TRI-STATE the DRQ and the IRQ6 pins
This bit is a 0 after a reset when in these modes
PS2 mode
This bit is reserved and the DRQ
DACK TC and IRQ6 pins will always be enabled
During a reset the DRQ DACK TC and IRQ6 lines
will remain enabled and D3 will be a 0
D2
Reset Controller
Writinga0to this bit resets the
controller It will remain in the reset condition until a
1 is written to this bit A software reset does not
affect the DSR CCR and other bits of the DOR A
software reset will affect the Configure and Mode
command bits (see Section 40 Command Set De-
scription) The minimum time that this bit must be
low is 100 ns Thus toggling the Reset Controller bit
during consecutive writes to the DOR is an accept-
able method of issuing a software reset
D1D0 Drive Select
These two bits are binary encoded for
the four drive selects DR0 – DR3 so that only one
drive select output is active at a time (Note 1)
It is common programming practice to enable both the mo-
tor enable and drive select outputs for a particular drive
Table 3-2 below shows the DOR values to enable each of
the four drives
TABLE 3-2 Drive Enable Values
Drive
DOR Value
0
1C (hex)
12D
24E
38F
34 TAPE DRIVE REGISTER (TDR)
ReadWrite
This register is used to assign a particular drive number with
the tape drive support mode of the data separator All other
logical drives are assigned floppy drive support with the
data separator Any future reference to the assigned tape
drive will invoke tape drive support The TDR is unaffected
by a software reset
TDR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
XXXXXX
TAPE
TAPE
SEL 1
SEL 0
RESET
NA
NA
NA
NA
NA
NA
0
0
COND
D7 – D2 Reserved
These bits are ignored when written to
and are TRI-STATE when read
D1D0 Tape Select 10
These two bits assign a logical
drive number to be a tape drive Drive 0 is not avail-
able as a tape drive and is reserved as the floppy
disk boot drive See Table 3-3 for the tape drive
assignment values
TABLE 3-3 Tape Drive Assignment Values
TAPESEL1
TAPESEL0
Drive
Selected
0
0
None
01
1
10
2
11
3
35 MAIN STATUS REGISTER (MSR)
Read Only
The read-only Main Status Register indicates the current
status of the disk controller The Main Status Register is
always available to be read One of its functions is to control
the flow of data to and from the Data Register (FIFO) The
Main Status Register indicates when the disk controller is
ready to send or receive data through the Data Register It
should be read before each byte is transferred to or from
the Data Register except during a DMA transfer No delay is
required when reading this register after a data transfer
Note 1
The MTR3 MTR2 DRV3 DRV2 pins are only available in 4-drive mode (FER4 e 1) and require external logic
Note 2
The DOR can be written to at any time but only one drive select output in conjunction with its corresponding motor is active at a time
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com