Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 60Page - National Semiconductor (TI) PC87311 Datasheet HTML 61Page - National Semiconductor (TI) PC87311 Datasheet HTML 62Page - National Semiconductor (TI) PC87311 Datasheet HTML 63Page - National Semiconductor (TI) PC87311 Datasheet HTML 64Page - National Semiconductor (TI) PC87311 Datasheet HTML 65Page - National Semiconductor (TI) PC87311 Datasheet HTML 66Page - National Semiconductor (TI) PC87311 Datasheet HTML 67Page - National Semiconductor (TI) PC87311 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
90 Device Description (Continued)
92 AC ELECTRICAL CHARACTERISTICS
921 AC Test Conditions
TA e 0 Cto70 C
VDD e 50V e g10%
LOAD CIRCUIT
(Notes 1 2 3)
TLF11362 – 15
Note 1
CL e 100 pF includes jig and scope capacitance
Note 2
S1 e Open for push-pull outputs S1 e VDD for high impedance to
active low and active low to high impedance measurements S1 e GND for
high impedance to active high and active high to high impedance measure-
ments RL e 10 kX for mP interface pins
Note 3
For the FDC Open Drive Interface Pins S1 e VDD and RL e 150X
AC TESTING INPUT OUTPUT WAVEFORM
TLF11362 – 16
922 Clock Timing
Symbol
Parameter
Min
Max
Units
tCH
Clock High Pulse Width
16
ns
tCL
Clock Low Pulse Width
16
ns
tCP
Clock Period
40
43
ns
tICP
Internal Clock Period (Table 9-1)
tDRP
Data Rate Period (Table 9-1)
TABLE 9-1 Nominal tICP tDRP Values
MFM Data Rate
tDRP
tICP
Value
Units
1 Mbs
1000
3 c tCP
125
ns
500 kbs
2000
3 c tCP
125
ns
300 kbs
3333
5 c tCP
208
ns
250 kbs
4000
6 c tCP
250
ns
TLF11362 – 17
FIGURE 9-1 Clock Timing
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com