Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87311 Datasheet HTML 8Page - National Semiconductor (TI) PC87311 Datasheet HTML 9Page - National Semiconductor (TI) PC87311 Datasheet HTML 10Page - National Semiconductor (TI) PC87311 Datasheet HTML 11Page - National Semiconductor (TI) PC87311 Datasheet HTML 12Page - National Semiconductor (TI) PC87311 Datasheet HTML 13Page - National Semiconductor (TI) PC87311 Datasheet HTML 14Page - National Semiconductor (TI) PC87311 Datasheet HTML 15Page - National Semiconductor (TI) PC87311 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
20 Configuration Registers
21 OVERVIEW
Three registers constitute the Base Configuration Register
set which controls the set-up of the PC87311A12 In gen-
eral these registers control the enabling of each major
function (eg FDC UARTs parallel port etc) the IO ad-
dresses of those functions and whether those functions
power down via hardware control or not These three con-
figuration registers are called the Function Enable Register
(FER) the Function Address (FAR) Register and the Power
and Test Register (PTR)
These registers can be accessed via hardware or software
During reset the PC87311A12 loads a set of default val-
ues selected by a hardware strapping option into the Config-
uration Registers This defines the setting of all Configura-
tion Registers via hardware
An index and data register pair are used to read and write
these registers Each Configuration Register is pointed to by
the value loaded into the Index Register The data to be
written into the Configuration Register is transferred via the
Data register Reading a Configuration Register is done in a
similar way (ie by pointing to it via the Index Register and
then reading its contents via the Data Register)
Accessing the Configuration Registers in this way requires
only two system IO addresses Since that IO space is
shared by other devices the Index and Data Registers could
still be inadvertantly accessed even though there are only
two registers in this IO address space In order to reduce
the chances of an inadvertant access a simple procedure
(Section 22) has been developed
22 SOFTWARE CONFIGURATION
If the system requires access to the Configuration Registers
after reset then the following procedure is used to change
data in the registers
1 Determine the default location of the PC87311A12 In-
dex Register
A Check the two possible default locations (see Table
2-2) by reading them twice The first byte is the ID byte
(88H) The second byte read is always 00H Compare
the data read with the ID byte and then 00h A match
will occur at the correct location Note that the ID byte
is only issued from the Index Register during the first
read after a reset Subsequent reads return the value
loaded into the Index Register Bits 2 – 6 are reserved
and always read 0
2 Load the Configuration Registers
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
02h) to the Index Register one time
C Write the correct data for the Configuration Register in
two consecutive write accesses to the Data Register
D Enable CPU interrupts
3 Load the Configuration Registers (read-modify-write)
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
02h) to the Index Register one time
C Read the configuration data in that register via the
Data Register
D Modify the configuration data
E Write the changed data for the Configuration Register
in two consecutive writes to the Data Register The
register updates on the second consecutive write
F Enable CPU interrupts
A single read access to the Index and Data Registers can
be done at any time without disabling CPU interrupts When
the Index Register is read the last value loaded into the
Index Register will be returned When the Data Register is
read the Configuration Register data pointed to by the In-
dex Register will be returned
TLF11362 – 38
TLF11362 – 39
TLF11362 – 40
FIGURE 2-1 PC87311A12 Configuration Registers
23 HARDWARE CONFIGURATION
During reset 1 of 32 possible sets of default values are
loaded into the Configuration Registers A strapping option
on five pins (CFG0 – 4) selects the set of values that is load-
ed This allows for automatic configuration without software
intervention Table 2-1 shows the 32 possible default con-
figurations The default configuration can be modified by
software at any time after reset by using the access proce-
dure described in the Software Configuration Section
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com