Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF35HF60W Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGF35HF60W
Description  35 A, 600 V Ultrafast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF35HF60W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGF35HF60W Datasheet HTML 3Page - STMicroelectronics STGF35HF60W Datasheet HTML 4Page - STMicroelectronics STGF35HF60W Datasheet HTML 5Page - STMicroelectronics STGF35HF60W Datasheet HTML 6Page - STMicroelectronics STGF35HF60W Datasheet HTML 7Page - STMicroelectronics STGF35HF60W Datasheet HTML 8Page - STMicroelectronics STGF35HF60W Datasheet HTML 9Page - STMicroelectronics STGF35HF60W Datasheet HTML 10Page - STMicroelectronics STGF35HF60W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STGF35HF60W, STGW35HF60W, STGFW35HF60W
Electrical characteristics
Doc ID 17490 Rev 3
7/17
Figure 8.
Gate charge vs. gate-emitter
voltage
Figure 9.
Capacitance variations
Figure 10.
Switching losses vs. temperature
Figure 11.
Switching losses vs. gate
resistance
Figure 12.
Switching losses vs. collector
current
Figure 13.
Turn-off SOA
0
4
8
12
16
0
30
60
90
120
150
QG (nC)
VGE (V)
VCC = 400 V
IC = 20 A
0
1000
2000
3000
4000
5000
0
102030
40
50
VCE (V)
C (pF)
f = 1 MHz
VGE = 0
Cies
Coes
Cres
150
200
250
300
350
400
450
25
50
75
100
125
TJ (°C)
E (µJ)
VCE = 400 V, VGE= 15 V
IC = 20 A, RG =10 Ω
EON
EOFF
0
500
1000
1500
2000
0
60
120
180
240
Rg (Ω)
E (µJ)
EON
EOFF
VCE = 400 V, VGE= 15 V
IC = 20 A, TJ = 125 °C
0
200
400
600
800
1000
10
15
20
25
30
35
40
IC (A)
E (µJ)
VCE= 400 V, VGE= 15 V
RG = 10 Ω, TJ = 125 °C
EON
EOFF
0.1
1
10
100
1000
1
10
100
1000
VCE (V)
IC (A)
VGE = 15 V, RG = 10 Ω
TC = 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com