Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF35HF60W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF35HF60W
Description  35 A, 600 V Ultrafast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF35HF60W Datasheet(HTML) 1 Page - STMicroelectronics

  STGF35HF60W Datasheet HTML 1Page - STMicroelectronics STGF35HF60W Datasheet HTML 2Page - STMicroelectronics STGF35HF60W Datasheet HTML 3Page - STMicroelectronics STGF35HF60W Datasheet HTML 4Page - STMicroelectronics STGF35HF60W Datasheet HTML 5Page - STMicroelectronics STGF35HF60W Datasheet HTML 6Page - STMicroelectronics STGF35HF60W Datasheet HTML 7Page - STMicroelectronics STGF35HF60W Datasheet HTML 8Page - STMicroelectronics STGF35HF60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
July 2012
Doc ID 17490 Rev 3
1/17
17
STGF35HF60W, STGW35HF60W,
STGFW35HF60W
35 A, 600 V Ultrafast IGBT
Datasheet
− production data
Features
■ Improved Eoff at elevated temperature
■ Minimal tail current
■ Low conduction losses
Applications
■ Welding
■ High frequency converters
■ Power factor correction
Description
This Ultrafast IGBT is developed using a new
planar technology to yield a device with tighter
switching energy variation (Eoff) versus
temperature. The suffix "W" denotes a subset of
products designed for high switching frequency
operation (over 100 kHz).
Figure 1.
Internal schematic diagram
TO-247
1
2
3
1
2
3
TO-220FP
TO-3PF
1
1
1
1
2
3
Table 1.
Device summary
Order codes
Markings
Packages
Packaging
STGF35HF60W
GF35HF60W
TO-220FP
Tube
STGW35HF60W
GW35HF60W
TO-247
STGFW35HF60W
GFW35HF60W
TO-3PF
www.st.com


Similar Part No. - STGF35HF60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF30H60DF STMICROELECTRONICS-STGF30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGF30H65DFB2 STMICROELECTRONICS-STGF30H65DFB2 Datasheet
487Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
21-May-2020
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
11-Apr-2017
STGF30NC60S STMICROELECTRONICS-STGF30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
STGF3HF60HD STMICROELECTRONICS-STGF3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
More results

Similar Description - STGF35HF60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
35 A, 600 V ultra fast IGBT
10-May-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
19 A, 600 V - ultrafast IGBT
07-Nov-2016
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com