Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF35HF60W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGF35HF60W
Description  35 A, 600 V Ultrafast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF35HF60W Datasheet(HTML) 3 Page - STMicroelectronics

  STGF35HF60W Datasheet HTML 1Page - STMicroelectronics STGF35HF60W Datasheet HTML 2Page - STMicroelectronics STGF35HF60W Datasheet HTML 3Page - STMicroelectronics STGF35HF60W Datasheet HTML 4Page - STMicroelectronics STGF35HF60W Datasheet HTML 5Page - STMicroelectronics STGF35HF60W Datasheet HTML 6Page - STMicroelectronics STGF35HF60W Datasheet HTML 7Page - STMicroelectronics STGF35HF60W Datasheet HTML 8Page - STMicroelectronics STGF35HF60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGF35HF60W, STGW35HF60W, STGFW35HF60W
Electrical ratings
Doc ID 17490 Rev 3
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-247
TO-220FP
TO-3PF
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
Continuous collector current at TC = 25
°C
60
19
36
A
IC
Continuous collector current at TC = 100
°C
35
12
18
A
ICP
(1)
1.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
150
A
ICL
(2)
2.
VCLAMP = 80% (VCES), VGE = 15 V, RG = 10 Ω, TJ = 150 °C
Turn-off latching current
80
A
VGE
Gate-emitter voltage
± 20
V
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
PTOT
Total dissipation at TC = 25 °C
200
40
88
W
Tstg
Storage temperature
- 55 to 150
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-247
TO-220FP
TO-3PF
Rthj-case
Thermal resistance junction-case
0.63
3.1
1.41
°C/W
Rthj-amb
Thermal resistance junction-ambient
50
62.5
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com