Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF35HF60W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGF35HF60W
Description  35 A, 600 V Ultrafast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF35HF60W Datasheet(HTML) 4 Page - STMicroelectronics

  STGF35HF60W Datasheet HTML 1Page - STMicroelectronics STGF35HF60W Datasheet HTML 2Page - STMicroelectronics STGF35HF60W Datasheet HTML 3Page - STMicroelectronics STGF35HF60W Datasheet HTML 4Page - STMicroelectronics STGF35HF60W Datasheet HTML 5Page - STMicroelectronics STGF35HF60W Datasheet HTML 6Page - STMicroelectronics STGF35HF60W Datasheet HTML 7Page - STMicroelectronics STGF35HF60W Datasheet HTML 8Page - STMicroelectronics STGF35HF60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STGF35HF60W, STGW35HF60W, STGFW35HF60W
4/17
Doc ID 17490 Rev 3
2
Electrical characteristics
(TJ = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15 V, IC= 20 A
2
2.5
V
VGE = 15V, IC = 20 A,TJ= 125 °C
1.65
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TJ = 125 °C
250
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
± 100
nA
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
2400
235
50
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 400 V, IC = 20 A,
VGE = 15 V,
(see Figure 18)
-
140
13
52
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com