Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40H120DF2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGW40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H120DF2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW40H120DF2 Datasheet HTML 2Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 3Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 4Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 9Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGW40H120DF2, STGWA40H120DF2
6/17
DocID023753 Rev 5
2.2
Electrical characteristics (curves)
Figure 2: Power dissipation vs. case
temperature
Figure 3: Collector current vs. case
temperature
Figure 4: Output characteristics (TJ = 25 °C)
Figure 5: Output characteristics (TJ = 175 °C)
Figure 6: VCE(sat) vs. junction temperature
Figure 7: VCE(sat) vs. collector current
Ptot
150
100
50
0
0
25
TC(°C)
(W)
100
200
50
75
250
175
125 150
300
350
400
450
VGE ≥ 15V, TJ
°C
≤ 175
GIPG130320141053FSR
IC
20
10
0
0
TC(°C)
(A)
100
30
50
VGE
≥ 15V, TJ ≤ 175 °C
150
50
40
60
70
80
GIPG130320141109FSR
IC
20
0
0
1
VCE(V)
(A)
4
40
2
3
VGE=15V
60
9V
11V
7V
13V
5
80
100
120
140
GIPG130320141114FSR
IC
20
0
0
1
VCE(V)
(A)
4
40
2
3
VGE=15V
60
9V
11V
7V
13V
5
80
100
120
140
GIPG130320141127FSR
VCE(sat)
3.0
2.6
2.2
1.8
-50
TJ(°C)
(V)
100
3.4
0
50
150
VGE= 15V
IC= 80A
IC= 40A
IC= 20A
1.4
GIPG130320141146FSR
VCE(sat)
3.4
2.6
1.8
0
IC(A)
(V)
4.2
30
5.0
1.0
VGE= 15V
TJ= - 40°C
TJ= 25°C
TJ= 175°C
60
90
120
150
GIPG190320151413 RV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com