Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40H120DF2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H120DF2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 9Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 10Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 11Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 12Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STGW40H120DF2, STGWA40H120DF2
Electrical characteristics
DocID023753 Rev 5
9/17
Figure 20: Short-circuit time and current vs.
VGE
Figure 21: Switching times vs. collector
current
Figure 22: Switching times vs. gate
resistance
Figure 23: Reverse recovery current vs. diode
current slope
Figure 24: Reverse recovery time vs. diode
current slope
Figure 25: Reverse recovery charge vs. diode
current slope
30
(µs)
t
SC
I
SC
V
CC ≤ 600 V
T
J ≤ 150 °C
(A)
14
10
10
VGE(V)
11
12
13
26
tsc
14
18
22
80
320
200
260
140
Isc
GIPG190320151623 RV
t
IC(A)
(ns)
0
20
40
10
60
tf
TJ= 175°C, VGE= 15V,
RG
= 10Ω, VCC= 600V
tdoff
100
80
tdon
tr
1
GIPG140320141159FSR
RG
(Ω)
0
10
20
30
tf
TJ= 175°C, VGE= 15V,
IC= 40A, VCC= 600V
40
tdoff
tr
tdon
t
(ns)
10
100
1
GIPG140320141205FSR
Irm
0
di/dt(A/µs)
(A)
0
400
800
10
1200
IF = 40A, VCC = 600V,
VGE = 15V
1600
15
=175°C
20
5
TJ
25
30
GIPG140320141215FSR
trr
0
di/dt(A/µs)
(ns)
0
400
800
400
1200
IF = 40A, VCC = 600V,
VGE = 15V
1600
600
=175°C
800
200
TJ
1000
1200
1400
GIPG140320141222FSR
Qrr
3000
di/dt(A/µs)
(nC)
0
400
800
4500
1200
IF = 40A, VCC = 600V,
VGE = 15V
1600
5000
=175°C
4000
TJ
3500
5500
6000
GIPG140320141238FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com