Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 224Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 225Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 226Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 227Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 228Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 229Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 230Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 240 page
background image
14.0 Device Characteristics (Continued)
228
www.national.com
14.2.7
Output, PCI 3.3V
Symbol: OPCI
14.2.8
Output, Totem-Pole Buffer
Symbol: Op/n
Output, Totem-Pole buffer that is capable of sourcing
p mA and sinking n mA
14.2.9
Output, Open-Drain Buffer
Symbol: ODn
Output, Open-Drain output buffer, capable of sinking
n mA. Output from these signals is open-drain and cannot be forced high.
14.2.10 Input, Analog
Symbol: INAN1
Input, analog to VLM.
14.2.11 Input, Analog
Symbol: INAN2
Input, analog to reference voltage.
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = -500 µA
0.9VDD
V
VOL
Output Low Voltage
lout =1500 µA
0.1 VDD
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
Symbol
Parameter
ConditionsNote 1.
Note 1. All parameters specified for 0
° C ≤ T
A ≤ 70° C.
AVCC= 3.3V ± 10%, unless otherwise specified and VREF = 1.235 or AVDD.
Min
Typ
Max
Unit
IAL
Analog Input Leakage Current
±1
µA
RAIN
Analog Input ResistanceNote 2.
Note 2. The resistance between the device input and the internal analog input capacitance.
250
Ω
CAIN
Analog Input Capacitance
15
pF
Symbol
Parameter
ConditionsNote 1.
Note 1. All parameters specified for 0
° C ≤ T
A ≤ 70° C.
AVCC= 3.3V ± 10%, unless otherwise specified and VREF = 1.235 or AVDD.
Min
Typ
Max
Unit
VREFE
External Reference Voltage
TBD
1.235
TBD
V
RVREFE V
REF Input DC resistance
Note 2.
Note 2. Valid only for external VREF; value changes during the conversion.
536
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com