Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 230 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 230 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 226Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 227Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 228Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 229Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 230Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 234Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 240 page
background image
14.0 Device Characteristics (Continued)
230
www.national.com
14.3 INTERNAL RESISTORS
14.3.1
Pull-Up Resistor
Symbol: PUnn.
14.3.2
Pull-Down Resistor
Symbol: PDnn.
14.4 ANALOG CHARACTERISTICS
14.4.1
VLM
14.4.2
TMS
Symbol
Parameter
Conditions
Typical
Min
Max
Unit
RPU
Pull-up equivalent resistance
VDD = 3.3V
nn
nn-30% nn+30%
K
Ω
Symbol
Parameter
Conditions
Typical
Min
Max
Unit
RPD
Pull-down equivalent resistance
VDD = 3.3V
nn
nn-30% nn+30%
K
Ω
Symbol
Parameter
ConditionsNote 1.
Note 1. All parameters specified for 0
° C ≤ T
A ≤ 70° C.
AVCC= 3.3V ± 10% unless otherwise specified and VREF = 1.211.
Min
Typ
Max
Unit
VRES
Resolution
8
bit
VINL
Integral (non-linearity) ErrorNote 2.
Note 2. The maximum difference between the ideal straight line reference and the actual conversion
curves. This parameter is only partially tested in production, and is guaranteed by characteriza-
tion.
±2.0
±3.0
LSB
Note 3.
Note 3. The parameter value XX LSB means XX times the value of one least significant bit, where VREF is
the typical VREF.
VIREF
Internal Reference Voltage
±2.203
1.211
±2.219
V
VDNL
Differential (non-linearity)
ErrorNote 4.
Note 4. The maximum difference between an ideal step size of 1 LSB and any actual step size. This
parameter is only partially tested in production, and is guaranteed by characterization.
0.5
LSB
Note 3
VOER
Offset Error
±2.0
LSB
Note 3
VGER
Gain Error
±2.0
LSB
Note 3
VIN
Input Voltage Range
0
2.45*VREF
V
VREF
Reference Voltage InputNote 5.
Note 5. When using input with value other than specified, the VREF used by the VLM changes based on
the actual input value.
1.211
V
tACT
VLM Activation TimeNote 6.
Note 6. Time from when the VLMCFG register Standby Mode Enable bit = 0 until valid conversions are
possible.
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com