Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87366-XXX/VLA Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 228Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 229Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 230Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 231Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 232Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 233Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 234Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 235Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 240 page
background image
14.0 Device Characteristics (Continued)
232
www.national.com
14.5 AC ELECTRICAL CHARACTERISTICS
14.5.1
AC Test Conditions
Figure 49. AC Test Conditions, TA =0 °Cto70 °C, VDD = 5.0 V ±10%
Notes:
1. CL = 100 pF for all output except OPCI, and CL= 50pF for outputs of type OPCI, this includes jig and scope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VDD for high impedance to active low and active low to high impedance measurements.
S1 = GND for high impedance to active high and active high to high impedance measurements.
RL = 1.0KΩ for µP interface pins.
3. For the FDC open-drive interface pins, S1 = VDD and RL = 150Ω.
14.5.2
Clock Timing
.
Symbol
Parameter
48 MHz
Min
Max
Unit
tCH
Clock High Pulse WidthNote 1.
Note 1. Not tested. Guaranteed by design.
8.4
ns
tCL
Clock Low Pulse WidthNote 1.
8.4
ns
tCP
Clock Period Note 1.
20
21.5
ns
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2, 3)
AC Testing Input, Output Waveform
VDD
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
CLKIN
tCL
tCP
tCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com